TP2CMPQT
AI

The **TP2CMPQT** is a specific part number typically associated with **Thermal Protectors** or **Thermostat Switches**, often manufactured by companies like *Sensata (Klixon)* or *Cantherm*. These components are designed to protect electric motors, ballasts, and appliances from overheating.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical characteristics.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Bimetallic Thermal Protector |
| **Contact Type** | Normally Closed (NC) - opens on temperature rise |
| **Operating Temp** | Usually calibrated between 70°C to 160°C (depending on suffix) |
| **Voltage Rating** | 120VAC / 250VAC |
| **Current Rating** | Typically 5A to 10A (Resistive) |
| **Housing** | Often encapsulated in a plastic or metal case for insulation |
---
### 2. Functional Components
The TP2 series operates using a simple but highly reliable mechanical mechanism:
1. **Bimetal Disc:** The "heart" of the device. It consists of two bonded metals with different thermal expansion coefficients. At a specific temperature, the disc snaps into a concave shape.
2. **Contact Points:** Silver-alloy contacts that remain closed during normal operation to allow current flow.
3. **Insulated Lead Wires:** High-temperature resistant wires (usually UL rated) for integration into motor windings or PCB assemblies.
4. **Spring Arm:** Provides the tension necessary to maintain a low-resistance electrical connection until the trip point is reached.
---
### 3. Application Use-Cases
These parts are "Safety Critical" components. If they fail to open, the device may catch fire; if they fail to close, the device will not turn on.
* **Electric Motors:** Placed inside the windings to prevent burnout if the motor stalls.
* **Lighting Ballasts:** Protects against the "end-of-life" overheating effect in fluorescent or HID lighting.
* **Battery Packs:** Monitors cell temperature during high-speed charging.
* **Transformers:** Prevents insulation melting during overcurrent events.
---
### 4. Circuit Diagram Representation
In an electrical schematic, the TP2CMPQT is represented as a thermal switch:
```text
[ Line In ]
|
/----+----\
| ( T ) | <-- Thermal Switch (NC)
\----+----/
|
[ Load/Motor ]
|
[ Neutral ]
```
---
- ⤷
What is the exact trip temperature for the 'QT' suffix in this part number?
- ⤷ Can the TP2CMPQT be reset manually or does it reset automatically?
- ⤷ What are the common failure modes for bimetallic thermal protectors?