TP4210-150M-R
AI

The **TP4210-150M-R** is a high-performance, shielded power inductor typically manufactured by companies like **Coiltronics (Eaton)**. It belongs to the TP4210 series, designed for high power density and efficiency in DC-DC converter applications.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific characteristics of the component:
| Segment | Meaning | Value/Description |
| :--- | :--- | :--- |
| **TP4210** | Series Name | Low profile, high power density inductors |
| **150** | Inductance Code | **15 µH** (15 followed by 0 zeros) |
| **M** | Tolerance | **±20%** |
| **R** | RoHS Compliance | Fully compliant with environmental standards |
---
### 2. Key Technical Specifications
The electrical behavior of the TP4210-150M-R is defined by its current handling and thermal limits:
* **Inductance:** 15.0 µH
* **DC Resistance (DCR):** Typically low (approx. 0.050 - 0.070 Ω) to minimize power loss.
* **Isat (Saturation Current):** The current level where inductance drops by a specific percentage (usually 30%). For this series, it is optimized for high peak loads.
* **Irms (RMS Current):** The continuous current that causes a specific temperature rise (usually 40°C) above ambient.
* **Operating Temperature:** Generally rated from -40°C to +125°C.
---
### 3. Physical & Design Features
* **Shielded Construction:** It features a magnetic shield to reduce Electromagnetic Interference (EMI), making it suitable for noise-sensitive circuits.
* **Surface Mount Device (SMD):** Designed for automated PCB assembly.
* **Material:** Often uses a ferrite core for high efficiency at switching frequencies up to several megahertz (MHz).
---
### 4. Common Applications
Due to its balance of size and current capability, this inductor is commonly found in:
1. **Buck/Boost Converters:** Voltage regulation for mobile devices.
2. **LED Drivers:** Providing steady current for high-brightness LEDs.
3. **Graphic Cards & Motherboards:** Localized power rails (Point of Load).
4. **Network Equipment:** Routers and switches requiring stable power delivery.
---
- ⤷What is the maximum current rating for the TP4210-150M-R?
- ⤷ How does the 'shielded' feature affect EMI performance in a circuit?
- ⤷ What are the footprint dimensions for the TP4210 series?