TP4212-220M-R
AI

The **TP4212-220M-R** is a high-performance power inductor commonly used in DC-DC converters, battery-powered devices, and compact consumer electronics.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's core specifications:
| Component Segment | Description |
| :--- | :--- |
| **TP** | Series/Manufacturer prefix (often associated with high-current power inductors). |
| **4212** | Physical Dimensions (approx. 4.0mm x 4.0mm x 1.2mm). |
| **220** | Inductance Value (22 followed by 0 zeros = **22µH**). |
| **M** | Tolerance (M = **±20%**). |
| **R** | Packaging/RoHS compliance (usually denotes Tape & Reel). |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (e.g., Tai-Tech or similar equivalents), the general profile for a 220M-R inductor in this size is as follows:
* **Inductance:** 22 µH
* **DC Resistance (DCR):** Typically ranges between **0.40Ω to 0.60Ω** (Max).
* **Rated Current (Isat):** The current at which inductance drops (typically around **0.4A to 0.7A**).
* **Operating Temperature:** -40°C to +125°C.
* **Construction:** Magnetic shielded (minimizes EMI/Electromagnetic Interference).
---
### 3. Structural Features
* **Shielded Design:** The "Magnetic Shield" prevents magnetic flux from interfering with nearby components, which is critical for high-density PCB layouts.
* **Low Profile:** The "12" in the part number indicates a height of approximately 1.2mm, making it ideal for slim devices like smartphones or wearables.
* **Surface Mount (SMD):** Designed for automated pick-and-place assembly.
---
### 4. Common Applications
This inductor is primarily used for energy storage and filtering in:
1. **DC-DC Converters:** Buck, Boost, and SEPIC converters.
2. **LED Drivers:** Providing stable current for backlighting.
3. **Power Management Units (PMICs):** Distributing power in portable electronics.
4. **Noise Suppression:** Acting as a filter for high-frequency noise in signal lines.
---
- ⤷
What are the equivalent alternative part numbers for the TP4212-220M-R?
- ⤷ How does the 1.2mm height affect the thermal performance compared to taller inductors?
- ⤷ What is the specific saturation current (Isat) for this inductor?