AI

The **TPC-312-RJ22A** is an industrial-grade Thin Client Terminal (often categorized under the Advantech TPC series) designed for automation and HMI (Human Machine Interface) applications. Below is a breakdown of its key electronic components and specifications.
---
### 1. Core Processing & Memory
The device is built on an x86 architecture, typically utilizing low-power Intel Atom or Celeron processors to ensure passive cooling (fanless design) which is critical for industrial longevity.
| Component | Specification Details |
| :--- | :--- |
| **CPU** | Intel® Atom™ or Celeron® Quad-Core (e.g., J1900 or similar series) |
| **RAM** | DDR3L SO-DIMM (Usually supports up to 8GB) |
| **Storage** | mSATA SSD or 2.5" SATA SSD/HDD slot |
| **OS Support** | Windows 10 IoT, Windows 7, Linux |
---
### 2. Display & Touch Interface
The "312" in the model name usually signifies a 12.1-inch display. The electronics driving the panel are designed for high durability.
* **Panel Type:** XGA TFT LED LCD.
* **Resolution:** 1024 x 768.
* **Touch Controller:** 5-wire Resistive Touch (standard for RJ22A variants), allowing operation with gloves and in dusty environments.
* **Luminance:** Typically 600 cd/m² (High brightness for industrial lighting).
---
### 3. Connectivity & I/O Ports
The "RJ" designation often refers to specific communication configurations, emphasizing LAN connectivity.
* **Ethernet:** Dual 10/100/1000 Mbps RJ45 ports (Intel I210/I211 controllers).
* **Serial Ports:** 1 x RS-232, 1 x RS-232/422/485 (DB9 connectors).
* **USB:** 1 x USB 3.0 and 3 x USB 2.0 ports.
* **Expansion:** Mini PCIe slot (usually used for Wi-Fi, Bluetooth, or Fieldbus modules like CANOpen).
---
### 4. Power & Environmental Protection
The electronic design emphasizes protection against power fluctuations and harsh environments.
* **Input Voltage:** 24VDC (±20% tolerance).
* **Power Consumption:** Typically 18W (Typical) to 40W (Max).
* **Protection Circuits:**
* **Isolation:** Chassis Grounding.
* **Ingress Protection:** IP66 rated front bezel (protected against dust and powerful water jets).
* **Cooling:** Fanless design using an internal aluminum heat sink to dissipate heat through the chassis.
---
### 5. Summary Block Diagram Logic
1. **Input:** 24V DC Power -> Internal Voltage Regulators -> CPU/RAM.
2. **Processing:** Intel SoC handles I/O, Graphics, and Data Processing.
3. **Output:** LVDS/eDP signal to the 12.1" LCD; Serial/Ethernet data to factory machinery.
---
- ⤷
What are the specific mounting options for the TPC-312 series?
- ⤷ Does this model support Power over Ethernet (PoE)?
- ⤷ What is the operating temperature range for the RJ22A variant?