Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TPC-315-R873A

  • AI
    The **TPC-315-R873A** is an industrial-grade Touch Panel PC designed for human-machine interface (HMI) applications. Its electronic architecture is built to withstand harsh environments while providing reliable computing power. ### 1. Core Processing & Memory The "heart" of the system is based on the Intel® Atom™ architecture, balanced for low power consumption and heat dissipation. | Component | Specification | Description | | :--- | :--- | :--- | | **CPU** | Intel Atom E3845 | Quad-core processor, 1.91 GHz clock speed. | | **RAM** | 4GB DDR3L | Low-voltage SDRAM (expandable in some revisions). | | **Storage** | mSATA / CFast | Uses solid-state storage to prevent data loss from vibration. | | **Graphics** | Intel HD Graphics | Integrated engine capable of rendering complex HMI visuals. | --- ### 2. Display and Touch Electronics The electronic interface between the user and the machine relies on two main subsystems: * **LCD Controller:** Drives the 15" XGA (1024 x 768) TFT display. It manages the LED backlight, which usually has a lifespan of around 50,000 hours. * **Resistive Touch Controller:** The "R" in the model name often denotes a **5-wire resistive touch screen**. This is electronically triggered by pressure, allowing operation with gloves, pens, or tools, unlike capacitive screens (smartphones). --- ### 3. I/O Connectivity & Communication The motherboard houses several integrated circuits (ICs) to handle industrial communication protocols: * **Ethernet:** Dual 10/100/1000 Mbps RJ45 ports (Intel i210 or similar controllers) for network redundancy. * **Serial Ports:** Integrated UARTs supporting RS-232 and RS-422/485 (often software-selectable or jumper-configured). * **USB:** Mix of USB 2.0 and USB 3.0 ports for peripherals. --- ### 4. Power Circuitry Industrial PCs require robust power regulation to protect against electrical noise found in factories. * **Input Voltage:** Typically supports a wide range (e.g., 24VDC ± 20%). * **Protection:** Includes over-voltage protection (OVP), over-current protection (OCP), and isolation to prevent ground loops. * **Cooling:** The electronic design is **fanless**, using the aluminum chassis as a giant heatsink to dissipate thermal energy. --- ### 5. Physical Construction Features | Feature | Benefit | | :--- | :--- | | **IP66 Rated Front** | Prevents water and dust from entering the electronics. | | **Die-cast Chassis** | Acts as an EMI (Electromagnetic Interference) shield. | | **Watchdog Timer** | An electronic timer that automatically resets the system if the software freezes. |
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the TPC-315-R873A?
    • ⤷ Can the RAM or storage be upgraded on this specific model?
    • ⤷ Does this model support dual-display output via an external port?