TPC-317-R853A
AI

The **TPC-317-R853A** is an industrial-grade Touch Panel PC manufactured by Advantech. It is designed for harsh HMI (Human Machine Interface) applications, featuring a high-performance processor and robust electronic components.
---
## 1. Core Processing Unit (CPU)
The "R85" in the model name typically signifies the integration of the **Intel® Core™ i5-8365UE** processor (or similar 8th Gen Whiskey Lake architecture).
| Component | Specification |
| :--- | :--- |
| **Processor** | Intel® Core™ i5-8365UE (Quad-core) |
| **Base Frequency** | 1.60 GHz |
| **Max Turbo Frequency** | 4.10 GHz |
| **Cache** | 6 MB SmartCache |
| **TDP** | 15W (Ultra-low power consumption for fanless cooling) |
---
## 2. Memory and Storage
The electronic architecture utilizes high-speed DDR4 memory and solid-state storage interfaces to ensure reliability in industrial environments.
* **RAM:** Supports 1 x SO-DIMM DDR4-2400 (Up to 32GB).
* **Storage Bus:**
* 1 x M.2 Key-B (SATA or PCIe) for SSDs.
* 1 x 2.5" SATA SSD/HDD bay.
* **Expansion:** Includes 1 x Full-size mini-PCIe slot (often used for Wi-Fi/LTE modules).
---
## 3. Display and Touch Electronics
The unit features a large-format display controlled by an integrated graphics engine.
| Part | Description |
| :--- | :--- |
| **LCD Panel** | 17" SXGA TFT LED |
| **Resolution** | 1280 x 1024 |
| **Touch Controller** | 5-wire Resistive (Industrial durability) |
| **Light Transmission** | 80% ± 3% |
| **GPU** | Integrated Intel® UHD Graphics 620 |
---
## 4. Input/Output (I/O) Interfaces
The motherboard provides several physical electronic interfaces for machine communication:
* **Ethernet:** Dual 10/100/1000 Mbps RJ45 ports (Intel i219 and i211 controllers).
* **USB:** 4 x USB 3.2 (Gen 1) ports.
* **Serial Comms:** 2 x RS-232/422/485 ports (BIOS selectable).
* **Video Out:** 1 x HDMI 1.4 for secondary displays.
* **Audio:** Line-out and Mic-in (Realtek ALC888S).
---
## 5. Power and Thermal Design
The electronic design emphasizes stability under electrical fluctuations and heat management.
* **Power Input:** 24VDC ± 20% (Phoenix connector).
* **Cooling:** Fanless design (The aluminum chassis acts as a large heat sink).
* **Protection:** Front panel is IP66-rated (dust and water jet protection).
* **Watchdog Timer:** 1 ~ 255 sec system reset (prevents system hang-ups in automated environments).
- ⤷
What are the compatible mounting options for the TPC-317-R853A?
- ⤷ Does this model support Windows 11 and Linux distributions?
- ⤷ How does the resistive touch screen compare to a capacitive screen in industrial settings?