TPC-317-R873B
AI

The **TPC-317-R873B** is a high-performance industrial Touch Panel PC (TPC) manufactured by Advantech. It is designed for human-machine interface (HMI) applications in harsh industrial environments.
Below is a breakdown of its primary electronic components and specifications.
---
### 1. Core Processing & Memory
The "R873B" variant typically features the Intel® Core™ i7 processor, providing significant computational power for multitasking and complex automation software.
| Component | Specification |
| :--- | :--- |
| **CPU** | Intel® Core™ i7-6600U (2.60 GHz Dual-Core) |
| **RAM** | 8 GB DDR4 (upgradable to 16 GB or 32 GB depending on board revision) |
| **Storage** | 2.5" SATA SSD/HDD slot & mSATA support |
| **BIOS** | AMI UEFI |
### 2. Display and Touch Interface
The unit features a large-format display designed for visibility and durability.
* **Panel Size:** 17" SXGA TFT LED LCD.
* **Resolution:** 1280 x 1024.
* **Touch Type:** 5-wire resistive touch (ideal for use with gloves in industrial settings).
* **Luminance:** ~350 cd/m².
* **Backlight Life:** 50,000 hours.
### 3. I/O Connectivity & Electronics
The mainboard (carrier board) provides various communication interfaces to connect with PLCs, sensors, and enterprise networks.
| Interface Type | Quantity/Details |
| :--- | :--- |
| **Ethernet** | 2 x 10/100/1000 Mbps (RJ45) |
| **USB Ports** | 4 x USB 3.0 |
| **Serial Ports** | 1 x RS-232, 1 x RS-232/422/485 |
| **Video Output** | 1 x HDMI (for secondary display) |
| **Expansion** | 1 x Full-size mPCIe slot |
### 4. Power Circuitry
Industrial computers require robust power management to handle fluctuations in factory power grids.
* **Input Voltage:** 24VDC (±20% tolerance).
* **Power Consumption:** Typically 30W to 60W depending on load.
* **Protection:** Reverse polarity protection and chassis grounding to prevent ESD damage.
### 5. Mechanical and Environmental Construction
* **Enclosure:** Die-cast aluminum alloy front bezel (provides heat dissipation).
* **Ingress Protection:** IP66 rated front panel (protected against dust and high-pressure water jets).
* **Cooling:** Fanless design (uses the chassis as a heat sink to prevent dust intake).
---
### Typical Wiring Example
Below is a conceptual pinout representation for the Power Connector commonly used in this series:
```markdown
Pin 1: V+ (24VDC)
Pin 2: V- (0V/Ground)
Pin 3: Chassis Ground (Earth)
```
- ⤷
What are the main differences between the resistive touch on this model versus capacitive touch?
- ⤷ Does this model support Windows 10 IoT or Linux distributions?
- ⤷ How does the fanless cooling system impact performance under high ambient temperatures?