AI

The **TPC1502TR-SBACR-R11** is a specific model within a series of Industrial Touch Panel PCs, typically manufactured by companies like Advantech or similar industrial hardware providers. These devices are designed for Human-Machine Interface (HMI) applications in harsh environments.
---
### 1. Key Technical Specifications
Below is a breakdown of the primary electronic components and technical features common to this specific SKU:
| Feature | Specification |
| :--- | :--- |
| **Display Type** | 15" XGA TFT LED LCD |
| **Resolution** | 1024 x 768 |
| **Touch Screen** | 5-wire Resistive Touch (High Durability) |
| **Processor (CPU)** | Intel® Atom™ or Celeron® (Low Power/Fanless) |
| **Input Voltage** | 24V DC (Standard Industrial Input) |
| **Enclosure** | IP66-rated front bezel (Dust/Waterproof) |
| **Communication** | RS-232/422/485, Dual GbE LAN, USB 2.0/3.0 |
---
### 2. Detailed Electronic Sub-Systems
#### A. Power Supply Unit (PSU)
The "SBACR" designation often refers to the power configuration.
* **DC-to-DC Conversion:** It typically utilizes an internal industrial-grade power module that converts 24V DC input into the specific voltages required by the motherboard (12V, 5V, 3.3V).
* **Protection:** Includes over-voltage, over-current, and reverse-polarity protection to prevent damage during field installation.
#### B. The Display & Backlight Controller
* **LED Driver:** The "TR" in the model often signifies a high-transmittance resistive touch screen. The electronic driver manages the LED backlight intensity, often supporting dimming functions via software.
* **LVDS Interface:** The internal connection between the motherboard and the 15" panel is usually via Low-Voltage Differential Signaling (LVDS) to minimize EMI (Electromagnetic Interference).
#### C. Control Board (Motherboard)
* **Fanless Design:** The electronics are designed for passive cooling. The CPU is thermally coupled to the aluminum chassis, which acts as a giant heat sink.
* **Watchdog Timer:** A dedicated chip on the board that automatically resets the system if the software hangs, ensuring 24/7 operational reliability.
---
### 3. Connection Interface Layout
The physical electronic ports are usually located on the bottom or rear of the unit:
1. **Serial Ports:** Integrated UARTs for Modbus or PLC communication.
2. **Ethernet:** Dual RJ45 ports for network redundancy or separating Machine-level and Office-level networks.
3. **Expansion:** Often includes a Mini-PCIe slot for adding Wi-Fi, Bluetooth, or cellular modules.
---
### 4. Environmental & Electronic Compliance
* **EMI/EMC:** Built to withstand industrial electrical noise (Class A).
* **Vibration/Shock:** Electronic components are soldered (non-socketed RAM/CPU in many cases) to prevent loosening due to machine vibration.
- ⤷
Does this model support Windows 10 IoT or Linux by default?
- ⤷ What is the specific CPU generation used in the R11 revision?
- ⤷ Are there expansion options for additional I/O like CANbus?