TPS16632RGET.A
AI

## Overview of TPS16632RGET
The **TPS16632RGET** is a high-voltage integrated **eFuse** (electronic fuse) manufactured by Texas Instruments. It is designed to provide robust protection for circuits operating in the 4V to 60V range, making it ideal for industrial, telecommunication, and 24V/48V power systems.
---
### Core Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Operating Voltage (VIN)** | 4V to 60V |
| **Maximum Output Current** | 6A |
| **On-Resistance (RDS(on))** | 31 mΩ (typical) |
| **Current Limit Accuracy** | ±7% (at 6A) |
| **Package Type** | VQFN (24-pin, 4mm x 4mm) |
| **Temperature Range** | -40°C to 125°C |
---
### Key Electronic Protections
The TPS16632 provides several layers of integrated protection to replace traditional fuses or discrete MOSFET solutions:
1. **Overcurrent Protection (OCP):**
* The device limits the output current to a level set by an external resistor ($R_{ILIM}$).
* If the load exceeds this limit, the device throttles the current or shuts down after a programmable delay.
2. **Overvoltage Protection (OVP):**
* It features an adjustable overvoltage lockout (OVLO) to protect downstream components from voltage spikes.
3. **Short-Circuit Protection:**
* Ultra-fast response to heavy loads or direct shorts to prevent PCB damage.
4. **Reverse Current Blocking:**
* The TPS1663 series can support external MOSFET control to prevent current from flowing back from the output to the input.
5. **Thermal Shutdown:**
* The chip automatically turns off if the internal junction temperature exceeds safety limits (typically 150°C).
---
### Pin Configuration and Application
The device is housed in a compact **RGE** (VQFN) package. Significant pins include:
* **UVLO/EN:** Programmable Under-Voltage Lockout or Enable pin.
* **ILIM:** Connects a resistor to ground to set the current limit.
* **dVs/dt:** Controls the output voltage ramp rate (Soft-start) to reduce inrush current.
* **FLT:** An open-drain output that pulls low during a fault condition (Overcurrent, Overvoltage, or Thermal).
#### Typical Application Circuit Concept
```python
# Simplified Logic Flow
Input_Voltage (4-60V) -> [TPS16632] -> Controlled_Output
|
[Current Limit Resistor]
|
[Soft-Start Cap]
```
---
### Comparison with Traditional Fuses
Unlike physical fuses, the TPS16632 is **resettable** and provides much higher precision. It allows engineers to "soft-start" large capacitive loads, which would normally blow a standard fuse due to high inrush currents.
- ⤷
How do I calculate the resistor value for the current limit on the TPS16632?
- ⤷ What is the difference between the TPS16630
- ⤷ TPS16631
- ⤷ and TPS16632 variants?
- ⤷ Can this device be used in redundant power supply configurations?