TPSKA5M50B00-R3
AI

The **TPSKA5M50B00-R3** is a specialized electronic component manufactured by **Murata Electronics**. It belongs to the family of **Ceramic Filters**, specifically designed for intermediate frequency (IF) stage processing in communication devices.
---
## 1. Component Specifications
The following table summarizes the key technical parameters of the TPSKA5M50B00-R3:
| Feature | Specification |
| :--- | :--- |
| **Category** | Ceramic Filter (Piezoelectric) |
| **Center Frequency** | 5.5 MHz |
| **Bandwidth (3dB)** | 50 kHz (minimum) |
| **Insertion Loss** | 6.0 dB max |
| **Input/Output Impedance** | 600 $\Omega$ |
| **Mounting Type** | Surface Mount (SMD) |
| **Packaging** | Tape & Reel (indicated by -R3) |
---
## 2. Key Electronic Functions
This part acts as a band-pass filter using the piezoelectric effect of ceramics. Its primary roles include:
1. **Frequency Selection:** It allows the 5.5 MHz signal to pass through while attenuating (blocking) unwanted noise and adjacent frequencies.
2. **Signal Shaping:** It helps define the selectivity of the receiver circuit, ensuring that the audio or data subcarrier is clean.
3. **Impedance Matching:** Designed to work within a 600-ohm circuit environment to ensure maximum power transfer and minimal signal reflection.
---
## 3. Typical Applications
The 5.5 MHz frequency is standard for specific communication protocols and older television broadcasting standards.
* **TV Sound IF Circuits:** Used in the sound processing stage of television receivers to isolate the audio subcarrier.
* **FM Receivers:** Acting as an intermediate stage for frequency-modulated signal processing.
* **Communication Equipment:** General signal conditioning in RF (Radio Frequency) transceivers.
---
## 4. Internal Structure & Materials
As a **Ceramic Filter**, the device consists of:
* **Piezoelectric Ceramic Element:** Converts electrical energy to mechanical vibrations and back to electrical energy at a specific resonant frequency.
* **Electrodes:** Metallic layers that provide electrical contact to the ceramic.
* **Substrate/Case:** A small, heat-resistant SMD package designed to withstand the reflow soldering process.
- ⤷
What are the equivalent alternative parts for the TPSKA5M50B00-R3?
- ⤷ How does the 'R3' suffix affect the ordering and quantity?
- ⤷ Can this filter be used in modern digital signal processing (DSP) circuits?