Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TR30-G-R

  • AI
    The **TR30-G-R** refers to a high-performance **Fiber Optic Receiver** module, typically part of the SFP (Small Form-factor Pluggable) or customized transceiver family used in telecommunications and networking. Below is an overview of its electronic characteristics and technical specifications. --- ### 1. Core Technical Specifications The "R" suffix generally denotes the **Receiver** component of a transceiver pair, designed to convert optical signals back into electrical data. | Feature | Description | | :--- | :--- | | **Data Rate** | Typically supports 1.25 Gbps to 2.5 Gbps (Gigabit Ethernet/Fiber Channel) | | **Wavelength** | Optimized for 1310nm or 1550nm (Standard SMF/MMF) | | **Power Supply** | Usually +3.3V DC | | **Connector Type** | LC or SC Duplex (depending on housing) | | **Input Type** | PIN-TIA (PIN photodiode with Integrated Transimpedance Amplifier) | --- ### 2. Key Electronic Components The internal circuitry of the TR30-G-R consists of several critical stages: 1. **Photodetector (PIN Diode):** * The primary component that senses incoming photons. * Converts light energy into a very weak analog electrical current. 2. **Transimpedance Amplifier (TIA):** * A high-gain amplifier that converts the current from the photodiode into a usable voltage signal. * It is designed to minimize noise to maintain a high Signal-to-Noise Ratio (SNR). 3. **Limiting Amplifier:** * Post-amplification stage that "squares" the signal, ensuring consistent output voltage levels regardless of the input optical power. 4. **Signal Detect (SD) / Loss of Signal (LOS) Circuitry:** * An electronic monitoring pin that outputs a logic "High" or "Low" to the host system if the incoming light falls below a certain threshold. --- ### 3. Electrical Interface and Pinout The module connects to a PCB via a standard gold-finger interface. Key pins include: * **VccR:** Positive power supply for the receiver. * **VeeR:** Ground reference for the receiver. * **RD+ / RD-:** Differential data output lines (typically CML or PECL logic levels) that carry the high-speed data to the host CPU/Switch. * **LOS (Loss of Signal):** Open collector output indicating optical link status. --- ### 4. Typical Applications * **Ethernet Switches:** Connecting high-speed backbone routers. * **Fiber to the Home (FTTH):** Optical network terminals. * **Industrial Automation:** High-noise immunity data transmission. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum distance supported by the TR30-G-R module?
    • ⤷ Can the TR30-G-R be used with Multi-Mode Fiber (MMF)?
    • ⤷ What are the specific voltage tolerances for the +3.3V power supply?