TR3216FF25-R
AI

The **TR3216FF25-R** is a specific surface-mount fuse manufactured by **Eaton (formerly Bussmann)**. It belongs to the Chip™ fuse family, designed for overcurrent protection in compact electronic circuits.
Below is a detailed breakdown of its specifications and characteristics.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Eaton (Bussmann Series) |
| **Part Number** | TR3216FF25-R |
| **Package Size** | 1206 (3216 Metric) |
| **Current Rating** | 25 Amperes |
| **Voltage Rating (AC/DC)** | 32V AC / 32V DC |
| **Fuse Type** | Fast-Acting (FF) |
| **Interrupting Rating** | 300A @ 32Vdc |
| **Termination Style** | Surface Mount (SMD/SMT) |
| **RoHS Compliant** | Yes (Lead-Free) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the part's physical and electrical properties:
* **TR**: Tape and Reel packaging.
* **3216**: The physical dimensions in millimeters (3.2mm x 1.6mm), equivalent to a **1206** imperial size.
* **FF**: Very Fast-Acting (Fast-acting characteristic ensures rapid disconnection during a fault).
* **25**: The current rating (25 Amps).
* **-R**: RoHS compliant.
---
### 3. Physical Features & Construction
* **Form Factor:** The 1206 footprint is a standard in the industry, making it easy to integrate into automated pick-and-place assembly lines.
* **Material:** It typically utilizes a multilayer ceramic substrate with thick-film elements, providing stability and reliability under thermal stress.
* **Terminal Finish:** Tin-plated over nickel barrier, which offers excellent solderability.
---
### 4. Common Applications
Due to its high current rating (25A) and fast-acting nature, the TR3216FF25-R is commonly found in:
* **Battery Management Systems (BMS):** Protecting lithium-ion battery packs from short circuits.
* **Power Supplies:** Secondary side protection for DC-DC converters.
* **Computing:** Server motherboards and high-performance laptops.
* **Consumer Electronics:** Game consoles and power tools where high current surges need to be managed.
---
### 5. Selection Precautions
When using this part, engineers must consider:
1. **Derating:** The 25A rating is at 25°C. Ambient temperature increases will require current derating.
2. **Voltage Drop:** Like all fuses, there is a slight internal resistance that causes a voltage drop across the component.
3. **I²t Value:** This represents the "melting integral." You must ensure the circuit's normal inrush current does not exceed the fuse's I²t rating to avoid nuisance blowing.
- ⤷
What is the melting I²t value for the TR3216FF25-R?
- ⤷ How does the temperature derating curve affect this fuse at 60°C?
- ⤷ Are there slow-blow alternatives in the same 1206 footprint?