Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TRF-RJ45-8

  • AI
    The **TRF-RJ45-8** is a specialized electronic component, typically categorized as an **Integrated RJ45 Connector Module** (also known as a "MagJack"). It integrates the physical Ethernet port with the necessary magnetic components required for network interfacing. --- ### 1. Component Overview Unlike a standard plastic phone jack, the TRF-RJ45-8 includes internal circuitry to handle signal conditioning, isolation, and noise reduction. | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Integration** | Integrated Magnetics (Transformers/Chokes) | | **Speed Support** | 10/100 Base-T (Standard) | | **Shielding** | Metal Shield (EMI/RFI protection) | | **Mounting** | Through-Hole (PCB) | --- ### 2. Key Internal Electronic Parts The "TRF" in the prefix usually refers to the **Transformer** functionality built inside the housing. #### A. Isolation Transformers * **Function:** Provides 1500V AC galvanic isolation between the Ethernet cable and the PHY (Physical Layer) chip. * **Purpose:** Protects the sensitive semiconductor devices from high-voltage spikes or ground loops on the network line. #### B. Common Mode Chokes * **Function:** Filters out high-frequency noise that is common to both lines in a differential pair. * **Purpose:** Ensures electromagnetic compatibility (EMC) and reduces EMI emissions to meet regulatory standards (like FCC or CE). #### C. Termination Resistors and Capacitors * **Bob Smith Termination:** Often includes a network of 75-ohm resistors and a high-voltage capacitor (typically 2kV) to terminate unused pairs and common-mode signals to ground. #### D. LEDs (Indicator Lights) * Most models in this series include two integrated LEDs (Green/Yellow). * **Left LED:** Usually indicates "Link" status. * **Right LED:** Usually indicates "Activity" (Data transmission). --- ### 3. Pinout Configuration The 8-pin interface follows the standard Ethernet wiring, but the internal "Magnetic" layout usually looks like this: | Pin Number | Signal Name | Description | | :--- | :--- | :--- | | **1 & 2** | TX+ / TX- | Transmit Differential Pair | | **3 & 6** | RX+ / RX- | Receive Differential Pair | | **4, 5, 7, 8** | Terminated | Usually tied to ground via resistors for noise reduction | --- ### 4. Technical Schematic Representation In a circuit diagram, the TRF-RJ45-8 is not just a connector; it is represented as a block containing: 1. **Primary side:** Connected to the Ethernet PHY chip. 2. **Secondary side:** Connected to the RJ45 pins. 3. **Center Taps:** Often connected to a voltage source (Current mode PHY) or ground (Voltage mode PHY). ```mermaid graph LR PHY[Ethernet PHY Chip] --- Mag[Internal Transformers] Mag --- Port[RJ45 Port Pins] Port --- Cable[Ethernet Cable] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 'MagJack' like this and a standard RJ45 connector?
    • ⤷ How do I determine if this part supports Power over Ethernet (PoE)?
    • ⤷ What are the common footprints for PCB layout of the TRF-RJ45-8?