AI

The **TS3704MPT** (often associated with the TS3704 family by STMicroelectronics) is a low-power, micropower quad CMOS voltage comparator. It is designed to operate with a single or dual power supply and is known for its extremely low current consumption.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the TS3704 series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Supply Voltage ($V_{CC}$)** | 2.7 to 16 | V |
| **Supply Current (per comparator)** | 7 | $\mu$A |
| **Response Time** | 1.5 | $\mu$s |
| **Output Type** | Push-Pull | - |
| **Operating Temperature** | -40 to +125 | °C |
| **Input Offset Voltage** | 5 (max) | mV |
---
### 2. Electronic Architecture & Components
The TS3704 contains four independent voltage comparators on a single monolithic chip. Below are the functional details:
#### A. CMOS Technology
Unlike older bipolar comparators (like the LM339), the TS3704 uses **CMOS (Complementary Metal-Oxide-Semiconductor)** technology.
- **High Input Impedance:** This results in extremely low input bias currents ($pA$ range), making it ideal for high-impedance sensors.
- **Rail-to-Rail Inputs:** The common-mode input voltage range includes the negative rail (ground).
#### B. Push-Pull Output Stage
The "MPT" or "PT" variants typically feature a **Push-Pull** output stage.
- **No Pull-up Resistor:** Unlike open-collector comparators, this device can drive the output high or low directly.
- **Speed:** This design allows for faster transitions and simplifies the interface with CMOS/TTL logic circuits.
#### C. Micropower Design
The internal biasing is optimized for low power. It consumes roughly **1/20th** of the power of a standard comparator, making it suitable for battery-powered handheld devices.
---
### 3. Pinout Configuration
The TS3704MPT is usually housed in a **TSSOP14** package. The typical pin mapping is as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1, 2, 13, 14 | Outputs 1-4 | The result of the comparison for each unit |
| 3 | $V_{CC}$ | Positive Power Supply |
| 4, 6, 8, 10 | Inverting Inputs | Negative inputs for comparators 1-4 |
| 5, 7, 9, 11 | Non-Inverting Inputs | Positive inputs for comparators 1-4 |
| 12 | GND | Ground / Negative Supply |
---
### 4. Typical Applications
* **Battery Monitoring:** Used in "low battery" detection circuits due to low idle current.
* **Signal Conditioning:** Converting analog sensor signals into digital pulses.
* **RC Oscillators:** Creating low-frequency clock signals with minimal power draw.
* **Interface Circuits:** Bridging different logic levels in mixed-voltage systems.
---
- ⤷
What is the difference between the TS3704 push-pull output and the TS339 open-drain output?
- ⤷ How does the input common-mode voltage range affect its performance in single-supply circuits?
- ⤷ Can the TS3704 be used as a high-speed PWM controller?