TSDP341_V02
AI

The **TSDP341_V02** is a specialized electronic module commonly used in consumer electronics, particularly as an **Infrared (IR) Receiver Module**. These modules are designed to receive modulated infrared signals (usually from a remote control) and convert them into digital signals that a microcontroller or processor can understand.
---
### 1. Component Overview
The TSDP341 belongs to a family of IR receivers that integrate a PIN diode and a preamplifier into a single package. The "V02" typically refers to a specific hardware revision or internal versioning by the manufacturer (often Vishay or similar generic equivalents).
### 2. Key Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Carrier Frequency** | 38 kHz (most common for TSDP series) |
| **Supply Voltage (Vcc)** | 2.5V to 5.5V |
| **Supply Current** | ~0.35 mA to 0.7 mA |
| **Transmission Distance** | Up to 45 meters (line of sight) |
| **Output Type** | Active Low (Logic 0 when signal detected) |
---
### 3. Pinout Configuration
The module typically features three pins. While you should always check the datasheet for your specific PCB layout, the standard configuration for this form factor is:
1. **OUT (Output):** Connects to the GPIO of a microcontroller.
2. **GND (Ground):** Connects to the 0V/Ground.
3. **VCC (Power):** Connects to the positive supply (usually 3.3V or 5V).
---
### 4. Internal Functional Blocks
To understand how it works, the internal circuitry is divided into several stages:
* **Photo Detector:** A high-speed PIN photodiode that senses IR light.
* **Preamplifier:** Boosts the weak electrical signal from the diode.
* **Automatic Gain Control (AGC):** Adjusts sensitivity to prevent interference from ambient light (like sunlight or fluorescent bulbs).
* **Band Pass Filter:** Specifically tuned to the carrier frequency (e.g., 38 kHz) to reject noise.
* **Demodulator:** Removes the 38 kHz carrier wave, leaving only the digital data bits.
---
### 5. Common Applications
* **Television Sets:** The primary receiver for remote controls.
* **Air Conditioners:** Receiving temperature and mode commands.
* **Arduino/DIY Projects:** Used for wireless control of robots or home automation.
* **Optical Switches:** Detecting the break of an IR beam.
---
- ⤷
How do I interface the TSDP341_V02 with an Arduino?
- ⤷ What is the difference between a 38kHz and a 56kHz IR receiver?
- ⤷ Can this module be used in direct sunlight?