TSOP315..
AI

## TSOP315 Series: Infrared Receiver Modules
The **TSOP315** series is a miniaturized receiver for infrared (IR) remote control systems. It integrates a PIN diode and a preamplifier into a single lead frame, encapsulated in an epoxy package that acts as an IR filter.
---
### 1. Key Internal Components
The TSOP315 is more than just a phototransistor; it is an integrated circuit (IC) containing several functional blocks:
| Component | Function |
| :--- | :--- |
| **PIN Photodiode** | Converts incoming IR light into a low-level electrical signal. |
| **Preamplifier** | Amplifies the weak electrical signal from the photodiode. |
| **Automatic Gain Control (AGC)** | Adjusts sensitivity to compensate for ambient light noise and varying distances. |
| **Band Pass Filter** | Blocks all frequencies except the specific carrier frequency (e.g., 38kHz). |
| **Demodulator** | Extracts the digital data bits by removing the carrier wave. |
---
### 2. Technical Specifications
The TSOP315 series typically operates under the following parameters:
* **Supply Voltage ($V_S$):** 2.5 V to 5.5 V (making it compatible with 3.3V and 5V logic).
* **Supply Current ($I_S$):** ~0.35 mA (very low power consumption).
* **Transmission Distance:** Up to 45 meters.
* **Carrier Frequency:** Typically 30kHz, 33kHz, 36kHz, 38kHz, 40kHz, or 56kHz (indicated by the last two digits, e.g., TSOP315**38**).
---
### 3. Pin Configuration
The module generally has three pins. Looking at the front (the side with the sensor lens):
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **OUT** | Data Output (Active Low) |
| 2 | **GND** | Ground |
| 3 | **$V_S$** | Supply Voltage |
---
### 4. Application Circuit
To ensure stable operation, a simple RC filter is recommended at the supply voltage pin to reduce noise.
```c
+5V / +3.3V
|
[R1: 100 Ohm]
|
+-------+------- (Vs Pin)
| |
[C1: 4.7uF]| [TSOP315]
| |
GND GND
```
---
### 5. Key Features
* **Active Low Output:** The output pin stays HIGH when no signal is detected and drops to LOW when it receives a valid IR burst.
* **Immunity to Ambient Light:** The internal filter and AGC make it highly resistant to sunlight and fluorescent lamp interference.
* **Logic Compatibility:** Output can be directly connected to a Microcontroller (TTL/CMOS level).
---
- ⤷What is the difference between the various frequencies (36kHz vs 38kHz) in the TSOP315 series?
- ⤷ How does the AGC (Automatic Gain Control) handle interference from energy-saving lamps?
- ⤷ Can you provide a simple Arduino code snippet to read data from a TSOP315?