Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TSX562IYST

  • AI
    The **TSX562IYST** is a high-performance, dual operational amplifier (op-amp) manufactured by STMicroelectronics. It belongs to the CMOS family and is specifically designed for high precision and low power consumption in automotive and industrial environments. --- ### ## Technical Specifications The following table summarizes the key electrical characteristics of the TSX562IYST: | Feature | Specification | | :--- | :--- | | **Architecture** | Dual Op-Amp (2 channels) | | **Supply Voltage (Vcc)** | 3.0V to 16V | | **Current Consumption** | 250 µA per channel (typ) | | **Gain Bandwidth Product** | 900 kHz | | **Input Offset Voltage** | 600 µV (max at 25°C) | | **Input Bias Current** | 1 pA (typ) | | **Output Type** | Rail-to-Rail | | **Package** | MiniSO-8 (Plastic Micropackage) | | **Operating Temp** | -40°C to +125°C | --- ### ## Key Electronic Features 1. **Low Input Bias Current:** Because it uses CMOS technology, the input bias current is extremely low (typically 1 pA). This makes it ideal for high-impedance sensor interfaces where input loading must be minimized. 2. **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the dynamic range, especially in low-voltage systems. 3. **Automotive Qualification:** The "Y" in the part number (IYST) denotes that the part is **automotive grade**, qualified according to the AEC-Q100 standard. It is designed to withstand harsh electrical noise and temperature fluctuations. 4. **Micropower Consumption:** With only 250 µA per channel, it is suitable for battery-powered applications and portable medical devices. --- ### ## Pinout Configuration (MiniSO-8) The device follows the standard dual op-amp pinout: * **Pin 1:** Output 1 * **Pin 2:** Inverting Input 1 * **Pin 3:** Non-inverting Input 1 * **Pin 4:** $V_{CC-}$ (Negative Supply/Ground) * **Pin 5:** Non-inverting Input 2 * **Pin 6:** Inverting Input 2 * **Pin 7:** Output 2 * **Pin 8:** $V_{CC+}$ (Positive Supply) --- ### ## Typical Applications * **Signal Conditioning:** Interfacing with high-impedance sensors like pH probes or photodiodes. * **Automotive Systems:** Used in Engine Control Units (ECUs) or body electronics for precision sensing. * **Portable Instrumentation:** Battery-operated devices requiring long life and precision. * **Active Filters:** Low-frequency filtering due to the 900 kHz bandwidth.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TSX562 and the TSX712 series?
    • ⤷ Can this op-amp be used with a single 5V power supply?
    • ⤷ What protection circuits are built into the TSX562IYST for automotive use?