TV1020-3R0605-R
AI

The **TV1020-3R0605-R** is a high-performance **Supercapacitor** (also known as an Electric Double-Layer Capacitor or EDLC) manufactured by Eaton (formerly Bussmann). It belongs to the TV series, which is designed for high power and high energy density applications.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 6.0 Farads |
| **Voltage - Rated** | 3.0 Volts |
| **Tolerance** | -10%, +30% |
| **ESR (Equivalent Series Resistance)** | ~40 mΩ (Typical) |
| **Operating Temperature** | -40°C to +65°C (Extended to +85°C with derating) |
| **Termination Style** | Through-hole (Radial Leads) |
| **Dimensions** | 10mm (Diameter) x 20mm (Length) |
| **Life Cycle** | Up to 500,000 cycles |
---
## 2. Key Features and Design
### High Voltage Rating
Unlike standard supercapacitors that often peak at 2.7V, the TV series is rated for **3.0V**. This allows for higher energy storage ($E = \frac{1}{2}CV^2$) and provides a greater safety margin in 2.8V or 3.0V systems.
### Low ESR
The low internal resistance allows the device to discharge high currents quickly without significant voltage drops or heat generation. This makes it ideal for "pulse" power applications.
### Environmental Compliance
* **RoHS Compliant:** Free of lead and other hazardous substances.
* **Halogen-Free:** Safe for modern environmental standards.
---
## 3. Common Applications
This specific part is typically used in circuits requiring bridge power or peak current assistance:
1. **Smart Meters:** Provides power for RF transmissions (GSM/GPRS) during data bursts.
2. **Industrial Backups:** Acts as a "UPS" for small controllers or PLCs to allow for graceful shutdowns during power loss.
3. **IoT Devices:** Used in solar-powered sensors to store energy during the day for use at night.
4. **Automotive:** Powering GPS trackers or emergency e-call systems.
---
## 4. Part Number Breakdown
The nomenclature `TV1020-3R0605-R` can be decoded as follows:
* **TV**: Series name (High voltage/High power).
* **1020**: Physical size (10mm diameter, 20mm height).
* **3R0**: Voltage rating (3.0 Volts).
* **605**: Capacitance code ($60 \times 10^5$ μF = 6.0 Farads).
* **-R**: RoHS Compliant.
- ⤷
How does the 3.0V rating compare to standard 2.7V supercapacitors in terms of energy density?
- ⤷ What are the specific soldering recommendations for the TV1020-3R0605-R to avoid heat damage?
- ⤷ Can these capacitors be connected in series for higher voltage applications?