TW-R20-K2
AI

The **TW-R20-K2** is a compact, high-performance RFID (Radio Frequency Identification) tag, specifically categorized as a **Hard Tag** or **PCB Tag** designed for industrial applications. It is commonly associated with manufacturers like **Turck** or partners specializing in HF (High Frequency) identification systems.
Below is the detailed breakdown of its electronic and physical specifications.
---
## 1. Core Technical Specifications
The TW-R20-K2 operates in the High Frequency range and is built for durability in harsh environments.
| Feature | Specification |
| :--- | :--- |
| **Operating Frequency** | 13.56 MHz (HF) |
| **Communication Standard** | ISO 15693 |
| **Chip Type** | NXP I-Code SLIX |
| **Memory Capacity** | 1024 Bits (128 Bytes) |
| **Read Range** | Up to 45 mm (dependent on reader/antenna) |
| **Material** | Plastic (PA6), high durability |
| **Operating Temp** | -25°C to +85°C |
---
## 2. Key Electronic Components
### A. The NXP I-Code SLIX Chip
The "brain" of the tag is the **I-Code SLIX** integrated circuit. This chip is the industry standard for HF tags due to several electronic features:
* **Anti-collision Support:** Allows multiple tags to be read simultaneously in the reader's field without signal interference.
* **Data Retention:** Guaranteed data storage for up to 50 years.
* **Write Endurance:** Rated for 100,000 write cycles.
* **Password Protection:** Includes electronic locks for specific memory blocks to prevent unauthorized data overwriting.
### B. Integrated Antenna (Inductive Loop)
The TW-R20-K2 contains an internal etched copper or printed antenna coil.
* **Passive Powering:** It has no battery. It derives its power via **inductive coupling** from the magnetic field generated by the RFID reader.
* **Form Factor:** The antenna is circular and optimized for the 20mm diameter housing to maximize energy transfer at 13.56 MHz.
---
## 3. Physical & Environmental Design
The electronic parts are protected by a rugged housing to ensure functionality under mechanical stress.
* **Housing Shape:** Disc/Coin shape (approx. 20mm diameter).
* **Protection Class:** Usually rated **IP67 or IP68**, meaning the electronics are fully protected against dust and immersion in water.
* **Mounting:** Designed to be mounted directly onto non-metallic surfaces.
* *Note:* If mounted directly on metal, the electromagnetic field will be shorted, rendering the tag unreadable unless a "spacer" or specific "on-metal" version is used.
---
## 4. Application Areas
Due to its electronic architecture, the TW-R20-K2 is ideal for:
1. **Tool Identification:** Tracking CNC bits or industrial machinery parts.
2. **Asset Management:** Monitoring the movement of small containers or pallets.
3. **Process Control:** Identifying workpieces on an automated assembly line.
---
- ⤷
What is the maximum read distance when using a standard industrial HF reader?
- ⤷ Can the TW-R20-K2 be mounted directly on metal surfaces?
- ⤷ How does the ISO 15693 standard differ from ISO 14443 in this application?