U-CA3N-R
AI

The **U-CA3N-R** is a specific model of a **USB-C to Gigabit Ethernet Adapter**, typically associated with brands like **Unitek**. This electronic device is designed to bridge the gap between high-speed wired networking and modern portable electronics that lack a dedicated RJ45 port.
---
## 1. Core Component Breakdown
The adapter consists of several key electronic subsystems that work together to convert data protocols:
| Component Type | Function |
| :--- | :--- |
| **USB-C Connector** | The physical interface (Male) that connects to the host device (Laptop, Tablet, Phone). |
| **Ethernet Controller IC** | The "Brain" of the device. It translates USB 3.0/3.1 signals into Ethernet frames. |
| **Magnetics (Isolation Transformer)** | Provides electrical isolation and suppresses EMI (Electromagnetic Interference) to protect the host device. |
| **RJ45 Port** | The female socket where the Category 5e/6 network cable is inserted. |
| **Status LEDs** | Small diodes (usually Green and Amber) that indicate Link speed and Data activity. |
---
## 2. Technical Specifications
Below are the primary technical parameters found in the U-CA3N-R circuitry:
* **Bus Interface:** USB 3.1 Gen 1 (backwards compatible with USB 2.0/1.1).
* **Network Standards:**
* IEEE 802.3 (10Base-T)
* IEEE 802.3u (100Base-TX)
* IEEE 802.3ab (1000Base-T)
* **Data Transfer Rate:** Supports Full Duplex (FDX) and Half Duplex (HDX) operations up to 1000 Mbps.
* **Power Source:** Bus-powered (takes power directly from the USB-C port, requiring no external power brick).
---
## 3. Electronic Features
### Integrated Circuitry (The Controller)
Most adapters in this series utilize a **Realtek (RTL8153)** or **ASIX** chipset. These chips are highly integrated, containing the Physical Layer (PHY) and Media Access Controller (MAC) in a single package to minimize heat and size.
### Advanced Logic Support
The electronics are programmed to handle specific networking protocols without CPU overhead from the host:
* **IPv4/IPv6 Packets:** Checksum Offload Engine (COE) to reduce CPU load.
* **Wake-on-LAN (WOL):** Allows the computer to be turned on remotely via the network.
* **Jumbo Frames:** Supports larger data packets for more efficient throughput.
---
## 4. Physical Build & Connectivity
The "R" in the model often signifies a retail or revised version, typically featuring:
1. **Aluminum Housing:** Acts as a passive heat sink for the Ethernet controller, which can get warm during sustained gigabit transfers.
2. **Twisted Pair Compatibility:** Designed to work with standard Cat5e or Cat6 cabling.
- ⤷
Does the U-CA3N-R require manual driver installation for Windows 11?
- ⤷ What is the maximum power draw of this adapter from a USB-C port?
- ⤷ How does the Realtek chipset compare to ASIX in these adapters?