U022-006-R
AI

The **U022-006-R** is a specific model of a **USB 2.0 A-to-B cable** manufactured by Tripp Lite (now part of Eaton). While it is a finished cable assembly rather than a discrete electronic component, its performance is defined by several internal electronic specifications and materials.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector A** | USB A (Male) |
| **Connector B** | USB B (Male) - typically for printers/scanners |
| **Length** | 6 Feet (1.83 Meters) |
| **Transfer Rate** | Up to 480 Mbps |
| **USB Generation** | USB 2.0 (High Speed) |
| **Compliance** | RoHS, REACH |
---
## Key Electronic Components and Materials
### 1. Conductor Wiring
The cable utilizes high-quality copper conductors to ensure signal integrity and power delivery:
* **Data Lines:** Twisted-pair construction (usually 28 AWG) to minimize **crosstalk** and electromagnetic interference (EMI).
* **Power Lines:** Dedicated lines for 5V DC power (usually 24 AWG or 28 AWG) to provide stable power to the peripheral device.
### 2. Shielding (EMI/RFI Protection)
To prevent data loss and "noise" from surrounding electronics, the U022-006-R features:
* **Foil Shielding:** An aluminum/mylar foil layer for 100% coverage.
* **Braid Shielding:** A copper braid that provides structural strength and additional grounding against low-frequency interference.
### 3. Gold-Plated Contacts
The connectors feature **gold-plated copper contacts**. Gold is highly resistant to corrosion and oxidation, ensuring that the electrical resistance remains low over the lifespan of the cable, even in humid environments.
### 4. Molded Connectors and Integral Strain Relief
The "electronic" durability is enhanced by the physical housing:
* **PVC Overmold:** Protects the internal solder joints between the wire and the connector pins.
* **Strain Relief:** Prevents the internal copper filaments from snapping due to repeated bending or pulling.
---
### Usage Context
This cable is primarily used to connect a computer (USB-A) to a peripheral device (USB-B), such as:
* Laser or Inkjet Printers
* Digital Audio Converters (DACs)
* External Hard Drive Enclosures
* MIDI Controllers and Keyboards
- ⤷
What is the difference between USB 2.0 and USB 3.0 Type-B connectors?
- ⤷ How does shielding in a USB cable affect data transfer speeds?
- ⤷ Does a longer cable length like 10 or 15 feet require an active repeater?