U206-006-R
AI

The **U206-006-R** is a specific model number for a USB cable manufactured by **Tripp Lite** (a brand under Eaton). Specifically, it is a 6-foot USB 2.0 A-to-B device cable.
Below is the technical breakdown of its electronic components and specifications.
---
### 1. General Specifications
This cable is designed to connect a computer (USB-A) to a peripheral device (USB-B), such as a printer, scanner, or external hard drive.
| Feature | Specification |
| :--- | :--- |
| **Model Number** | U206-006-R |
| **Connection Type** | USB 2.0 (High Speed) |
| **Length** | 6 Feet (1.83 Meters) |
| **Connectors** | USB-A (Male) to USB-B (Male) |
| **Data Transfer Rate** | Up to 480 Mbps |
---
### 2. Internal Electronic Construction
The "R" in the part number often denotes retail packaging, but the internal electronic architecture remains consistent with high-quality USB 2.0 standards.
#### A. Wire Gauge and Composition
* **Data Lines:** Usually 28 AWG (American Wire Gauge) twisted pair cabling to minimize cross-talk and ensure signal integrity at 480 Mbps.
* **Power Lines:** Usually 24 AWG to 28 AWG. The thicker the gauge (lower the number), the less voltage drop occurs over the 6-foot length.
#### B. Shielding (Electromagnetic Interference)
To prevent data loss in environments with high electronic noise, the U206-006-R employs a double-shielded design:
1. **Foil Shielding:** An aluminum/mylar foil layer wraps the internal conductors.
2. **Braid Shielding:** A tinned copper braid provides physical strength and low-frequency interference protection.
#### C. Connector Plating
* **Gold-Plated Contacts:** The internal pins are typically gold-plated to prevent corrosion and maintain high conductivity over repeated plug/unplug cycles.
* **Nickel-Plated Shells:** The outer metal casing is nickel-plated for durability.
---
### 3. Electronic Compatibility
The U206-006-R is electronically backward compatible, meaning it can function across different USB generations, though it will be limited by the slowest link.
* **USB 1.1:** Fully compatible (12 Mbps).
* **USB 2.0:** Native speed (480 Mbps).
* **USB 3.0/3.1:** Can be plugged into USB 3.0 Type-A ports, but will only operate at USB 2.0 speeds.
---
### 4. Summary Table
| Component | Material/Type | Function |
| :--- | :--- | :--- |
| **Jacket** | PVC (Polyvinyl Chloride) | Insulation and physical protection |
| **Data Wires** | Tinned Copper | Signal transmission |
| **Drain Wire** | Tinned Copper | Grounding the shield |
| **Connectors** | Molded Relief | Prevents wire breakage at the plug |
- ⤷
Does the U206-006-R support fast charging for mobile devices?
- ⤷ What is the maximum current capacity (Amperage) for this cable?
- ⤷ How does the shielding in this cable compare to unshielded USB cables?