U2AB
AI

Based on your query, it appears you are referring to the **U2AB**, which is the common marking code for the **PAM2305AABADJ**. This is a popular high-efficiency, step-down (buck) DC-DC converter used widely in compact electronics.
---
### ## Component Overview: PAM2305 (Marking U2AB)
The "U2AB" is a pulse-width modulation (PWM) step-down converter designed for low-power applications where space and efficiency are critical.
#### ### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | Step-Down (Buck) DC-DC Converter |
| **Input Voltage Range** | 2.5V to 5.5V |
| **Output Voltage** | Adjustable (ADJ) via external resistors |
| **Maximum Output Current** | 1A |
| **Switching Frequency** | 1.5 MHz |
| **Package Type** | SOT-23-5 |
| **Efficiency** | Up to 96% |
---
### ## Internal Block Functions
To understand the electronic parts of the U2AB, one must look at its internal architecture and its typical application circuit.
#### 1. Internal Circuitry
* **Oscillator:** Generates a 1.5MHz clock signal to minimize the size of external inductors and capacitors.
* **Error Amplifier:** Compares the feedback voltage (FB) to an internal reference (typically 0.6V) to regulate output.
* **Soft Start:** Prevents current spikes during power-up.
* **Thermal Shutdown:** Protects the chip from overheating by shutting down at high temperatures.
#### 2. External Required Components
To make the U2AB functional, the following external electronic parts are required:
* **Inductor (L):** Usually $2.2\mu H$ to $4.7\mu H$. It stores energy during the switching cycle.
* **Input Capacitor ($C_{IN}$):** $10\mu F$ Ceramic. Filters input noise.
* **Output Capacitor ($C_{OUT}$):** $10\mu F$ or $22\mu F$ Ceramic. Smoothes the output voltage.
* **Feedback Resistors ($R_1, R_2$):** Used to set the specific output voltage based on the formula:
`Vout = 0.6 * (1 + R1/R2)`
---
### ## Pin Configuration (SOT-23-5)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Supply Input Voltage |
| 2 | **GND** | Ground |
| 3 | **EN** | Enable Pin (High = On, Low = Off) |
| 4 | **FB** | Feedback Input (Connects to resistor divider) |
| 5 | **SW** | Switch Output (Connects to the Inductor) |
---
### ## Common Applications
* Cellular and Smart Phones
* Wireless and DSL Modems
* MP3 Players and Portable Media
* Microprocessor Core Supplies
- ⤷
How do I calculate the specific resistor values for a 3.3V output using U2AB?
- ⤷ What are the common failure modes of this DC-DC converter?
- ⤷ Can U2AB be used with an input voltage higher than 5.5V?