U74AC32G-P14-R
AI

The **U74AC32G-P14-R** is a high-speed CMOS logic integrated circuit. Specifically, it is a **Quadruple 2-Input OR Gate**. This component is widely used in digital logic circuits to perform summation operations where the output is "High" if at least one input is "High."
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Logic Family** | AC (Advanced CMOS) |
| **Logic Function** | OR Gate |
| **Number of Gates** | 4 (Quadruple) |
| **Inputs per Gate** | 2 |
| **Operating Voltage ($V_{CC}$)** | 2.0V to 6.0V |
| **Output Current ($I_{OH}/I_{OL}$)** | ±24 mA |
| **Propagation Delay** | ~7.5 ns (at 5V) |
| **Package Type** | TSSOP-14 (Standard 14-pin) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
Understanding the suffix and prefix helps in identifying specific manufacturing traits:
* **U74**: UTC (Unisonic Technologies Co.) manufacturer series prefix.
* **AC**: Advanced CMOS technology (higher speed than the standard HC series).
* **32**: The logic function code for a **Quad 2-Input OR Gate**.
* **G**: Halogen-free and RoHS compliant.
* **P14**: TSSOP-14 package (Thin Shrink Small Outline Package).
* **R**: Tape & Reel packaging (for automated pick-and-place assembly).
---
### 3. Logic Representation
The device contains four independent gates. The Boolean expression for each gate is:
**$Y = A + B$**
#### Truth Table (Per Gate)
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | **L** |
| L | H | **H** |
| H | L | **H** |
| H | H | **H** |
---
### 4. Application Use Cases
* **Signal Combining:** Merging multiple error signals into a single "Interrupt" or "Alarm" line.
* **Level Shifting:** Because it supports a wide voltage range (2V-6V), it can be used in mixed-voltage systems.
* **Edge Detection:** Used in timing circuits to detect state changes.
* **High-Speed Switching:** Due to the "AC" (Advanced CMOS) rating, it is suitable for high-speed data paths where propagation delay must be minimized.
---
- ⤷
What are the main differences between the 74AC32 and the 74HC32 versions?
- ⤷ Can you provide the pinout diagram for a TSSOP-14 OR gate?
- ⤷ What is the maximum power dissipation for the U74AC32G?