U74AHC1G08-AF5-R
AI

## U74AHC1G08-AF5-R: Electronic Specifications & Overview
The **U74AHC1G08-AF5-R** is a high-speed, low-voltage CMOS device. Specifically, it is a **2-input AND gate** housed in a small footprint package, typically used for glue logic in compact electronic designs.
---
### 1. General Functional Description
The device performs the Boolean function $Y = A \cdot B$. The output ($Y$) is HIGH only when both inputs ($A$ and $B$) are HIGH. If either input is LOW, the output remains LOW.
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | L |
| L | H | L |
| H | L | L |
| H | H | H |
---
### 2. Key Technical Specifications
Below are the typical electrical characteristics for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | AHC (Advanced High-Speed CMOS) |
| **Function** | 2-Input AND Gate |
| **Supply Voltage ($V_{CC}$)** | 2.0V to 5.5V |
| **Operating Temperature** | -40°C to +85°C (Standard) |
| **Output Current ($I_{OH}/I_{OL}$)** | ±8 mA at 5V |
| **Propagation Delay** | ~7.0 ns at 5V (Typical) |
| **Input Threshold** | TTL Compatible (Low power consumption) |
---
### 3. Package and Ordering Information
The suffix codes in the part number provide details about the physical packaging:
* **U74AHC1G08**: The base functional part (AND Gate).
* **AF5**: Refers to the **SOT-25** (also known as SOT-23-5) package type.
* **R**: Indicates **Tape & Reel** packaging for automated assembly.
#### Pin Configuration (SOT-25)
1. **Pin 1 (B):** Input 2
2. **Pin 2 (A):** Input 1
3. **Pin 3 (GND):** Ground
4. **Pin 4 (Y):** Output
5. **Pin 5 ($V_{CC}$):** Supply Voltage
---
### 4. Application Use Cases
* **Signal Gating:** Enabling or disabling a signal path based on a control bit.
* **Level Shifting:** Interfacing between different voltage domains (when using specific AHC configurations).
* **Industrial Controllers:** Small-scale logic required for sensor synchronization.
* **Mobile Devices:** Due to the ultra-small SOT-25 footprint and low power idle state.
---
- ⤷
What is the power consumption of the U74AHC1G08 in a quiescent state?
- ⤷ How does the AHC family compare to the standard HC family in terms of speed?
- ⤷ Are the inputs of this device 5V tolerant when running at a lower VCC?