U74AHC1G08L-AF5-R
AI

The **U74AHC1G08L-AF5-R** is a high-speed, low-voltage CMOS logic gate manufactured by Unisonic Technologies (UTC). Specifically, it is a single 2-input POSITIVE-AND gate.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | AND Gate |
| **Number of Circuits** | 1 |
| **Number of Inputs** | 2 |
| **Supply Voltage (Vcc)** | 2.0V to 5.5V |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOT-25 / SOT-23-5 (AF5) |
| **Output Current** | ±8 mA (at 5V) |
| **Propagation Delay** | ~7.9 ns (at 5V, 50pF load) |
---
### ## Pin Configuration
The device typically comes in an **AF5 (SOT-25)** package. The pinout is standard for single-gate logic:
1. **Pin 1 (B):** Input B
2. **Pin 2 (A):** Input A
3. **Pin 3 (GND):** Ground
4. **Pin 4 (Y):** Output ($Y = A \cdot B$)
5. **Pin 5 (Vcc):** Supply Voltage
---
### ## Key Features
* **High Speed:** Advanced High-Speed CMOS (AHC) technology allows for performance comparable to bipolar Schottky TTL while maintaining CMOS low power consumption.
* **Low Power Consumption:** Static power consumption is extremely low (Max $I_{cc} = 1\mu A$).
* **Input Hysteresis:** Provides improved noise immunity for slower-changing input signals.
* **Overvoltage Tolerance:** The inputs are tolerant to voltages up to 5.5V, regardless of the supply voltage ($V_{cc}$), making it ideal for mixed-voltage (3.3V to 5V) level translation tasks.
---
### ## Logic Table
The AND gate output is "High" only when both inputs are "High."
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | L |
| L | H | L |
| H | L | L |
| H | H | H |
---
### ## Applications
* **Signal Gating:** Used to enable or disable a signal path based on a control bit.
* **Edge Detection:** Used in conjunction with RC circuits to detect pulses.
* **Voltage Level Shifting:** Down-shifting 5V signals to 3.3V logic levels.
* **Industrial Electronics:** Used in compact consumer devices, mobile phones, and portable healthcare equipment due to its tiny footprint.
- ⤷
What is the difference between AHC and AHCT logic families?
- ⤷ Can this part be used for level shifting from 3.3V to 5V?
- ⤷ What are the recommended decoupling capacitor values for this IC?