U74HC1G66G-AF5-R
AI

The **U74HC1G66G-AF5-R** is a high-speed CMOS single-pole single-throw (SPST) analog switch. It is a single-gate version of the popular 74HC66/4066 series, designed for low-voltage and high-speed applications.
---
### 1. Key Technical Specifications
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **Function** | Bilateral Analog Switch | SPST (Single Pole Single Throw) |
| **Operating Voltage** | Supply Voltage Range ($V_{CC}$) | 2.0V to 6.0V |
| **Logic Family** | CMOS | High Speed (HC) |
| **On-Resistance ($R_{ON}$)** | Resistance when switch is closed | ~50Ω @ 4.5V |
| **Package** | SOT-25 / SOT-23-5 | Small Form Factor |
| **Temperature Range** | Operating Range | -40°C to +85°C |
---
### 2. Pin Configuration (SOT-23-5)
The device typically follows this pinout structure:
1. **Y (Independent I/O):** One side of the switch.
2. **Z (Independent I/O):** The other side of the switch.
3. **GND:** Ground (0V).
4. **E (Control Input):** Digital control pin. High = Switch Closed; Low = Switch Open.
5. **Vcc:** Positive power supply.
---
### 3. Core Characteristics
* **Bilateral Switching:** The device can conduct signals in both directions (from Y to Z or Z to Y), making it suitable for both analog and digital signals.
* **Low Power Consumption:** Being a CMOS device, it draws very little quiescent current, ideal for battery-powered devices.
* **Wide Signal Swing:** It allows signals to swing between $V_{CC}$ and $GND$ without significant distortion.
* **High Speed:** Fast switching times allow it to be used in multiplexing or signal gating applications.
---
### 4. Applications
* **Signal Gating:** Turning audio or video signals on/off via a microcontroller.
* **Sample and Hold Circuits:** Used in data acquisition systems.
* **Multiplexing:** Switching between two different sensors or signal sources.
* **Digital Logic Level Shifting:** In specific configurations, it can help route logic signals.
---
### 5. Part Number Breakdown
The suffixing usually follows UTC (Unisonic Technologies) standards:
* **U74HC1G66**: Base Part Number (Single Analog Switch).
* **G**: Halogen-Free / Green package.
* **AF5**: SOT-25 / SOT-23-5 Package type.
* **R**: Tape and Reel packaging.
- ⤷
What is the maximum frequency range this analog switch can handle?
- ⤷ How does the On-Resistance change as the supply voltage (Vcc) decreases?
- ⤷ Can this part be used to switch signals higher than its Vcc supply?