U74LVC1G125G-AF5-R
AI

The **U74LVC1G125G-AF5-R** is a high-performance, low-voltage CMOS device. It functions as a **single bus buffer gate with a 3-state output**. This specific part is widely used in modern electronics for signal buffering and level shifting.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Logic Type** | Buffer/Line Driver, Non-Inverting |
| **Number of Elements** | 1 |
| **Operating Voltage (Vcc)** | 1.65V to 5.5V |
| **Output Current (High/Low)** | 32mA / 32mA (at 4.5V) |
| **Propagation Delay** | ~3.7ns (at 3.3V) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOT-25 / SOT-23-5 (AF5) |
| **Output State** | 3-State (High Impedance when disabled) |
---
### 2. Pin Configuration and Functions
The device typically comes in a 5-pin package. The functionality of each pin is described below:
| Pin Number | Name | Description |
| :---: | :--- | :--- |
| 1 | **OE** | Output Enable (Active LOW) |
| 2 | **A** | Data Input |
| 3 | **GND** | Ground |
| 4 | **Y** | Data Output |
| 5 | **Vcc** | Supply Voltage |
---
### 3. Functional Logic
The U74LVC1G125 features a "3-state" output controlled by the Output Enable ($\overline{OE}$) pin.
* **When $\overline{OE}$ is LOW (L):** The output **Y** follows the input **A**.
* **When $\overline{OE}$ is HIGH (H):** The output **Y** enters a high-impedance state (Hi-Z), effectively disconnecting it from the bus.
---
### 4. Special Features
* **$I_{off}$ Support:** Supports partial-power-down mode. When the device is powered down, the inputs and outputs are disabled, preventing damaging backflow current.
* **Overvoltage Tolerance:** Inputs are tolerant up to 5.5V, regardless of the supply voltage, allowing the chip to act as a **logic-level translator** (e.g., converting 5V signals down to 3.3V).
* **Low Power Consumption:** Ideal for battery-operated handheld devices.
---
### 5. Part Number Breakdown
The suffixing provides information about the packaging and manufacturing:
* **U74LVC1G125**: Base functional part number.
* **G**: Halogen-free and RoHS compliant.
* **AF5**: Refers to the SOT-25 package style.
* **R**: Tape and Reel packaging for automated assembly.
- ⤷
What is the difference between the 74LVC1G125 and the 74LVC1G126?
- ⤷ How does the I_off feature protect a circuit during power-down?
- ⤷ Can this part be used to shift a 1.8V signal to 5V?