Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • U74LVC1G66L-AF5-R

  • AI
    The **U74LVC1G66L-AF5-R** is a high-performance, low-voltage CMOS single-pole/single-throw (SPST) analog switch. It is manufactured by Unisonic Technologies (UTC) and is commonly used for signal switching or isolation in portable electronics. --- ### ## 1. Key Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Logic Family** | LVC (Low Voltage CMOS) | | **Configuration** | Single Bilateral Analog Switch (SPST) | | **Supply Voltage ($V_{CC}$)** | 1.65V to 5.5V | | **On-State Resistance ($R_{on}$)** | ~10Ω (at $V_{CC}$ = 4.5V) | | **Package Type** | SOT-25 / SOT-23-5 (AF5) | | **Input/Output Current** | ±50 mA (Maximum) | | **Operating Temperature** | -40°C to +85°C | --- ### ## 2. Functional Description The device acts as a digital gate for analog or digital signals. It features a Control input (**C**), an Input/Output (**Y**), and an Output/Input (**Z**). * **Logic High (H) on Control Pin:** The switch is "ON" (closed), allowing signals to pass between Y and Z. * **Logic Low (L) on Control Pin:** The switch is "OFF" (open/high-impedance), isolating Y from Z. #### ### Internal Block Logic ```text Control (C) Switch State --------------------------- L Open (High-Z) H Closed (Conducting) ``` --- ### ## 3. Part Number Breakdown Understanding the suffix codes helps in identifying the specific variant: * **U74LVC1G66**: Base part number (Single Analog Switch). * **L**: Lead-free / Halogen-free plating. * **AF5**: Package code for **SOT-25** (also known as SOT-23-5). * **R**: Packing style (Tape & Reel). --- ### ## 4. Common Applications Due to its small footprint and low power consumption, it is used in: 1. **Signal Gating:** Turning audio or video signals on/off in mobile devices. 2. **Sample-and-Hold Circuits:** Used in data acquisition systems. 3. **Bus Isolation:** Separating different parts of a communication bus to prevent loading. 4. **Multiplexing:** Switching between two different sensor inputs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this LVC series and the standard 4066 analog switch?
    • ⤷ How does the 'On-Resistance' change with different supply voltages?
    • ⤷ Can this part be used for switching high-speed digital signals like USB 2.0?