Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • U74LVC244L-S20-R

  • AI
    The **U74LVC244L-S20-R** is an integrated circuit (IC) belonging to the low-voltage CMOS logic family. It is primarily used as an **Octal Buffer/Line Driver** with 3-state outputs. --- ### 1. General Specifications The following table summarizes the key electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Logic Family** | LVC (Low-Voltage CMOS) | | **Function** | Octal Buffer/Line Driver (3-State) | | **Operating Voltage ($V_{CC}$)** | 1.65V to 3.6V | | **Output Current** | ±24mA (at 3V) | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOP-20 | | **Packaging** | Tape & Reel (R) | --- ### 2. Functional Description The device consists of eight independent buffers organized as two banks of four. * **3-State Outputs:** Each bank of four buffers is controlled by an Output-Enable ($\overline{OE}$) input. When $\overline{OE}$ is low, data flows from the input to the output. When $\overline{OE}$ is high, the outputs are placed in a high-impedance (High-Z) state. * **Voltage Level Shifting:** Because the inputs are 5.5V tolerant, this IC is frequently used to interface between different voltage domains (e.g., translating 5V logic signals down to 3.3V). --- ### 3. Pin Configuration (Typical SOP-20) The pinout is designed to facilitate easy PCB routing with inputs on one side and outputs on the other (flow-through architecture). | Pin Category | Pin Names | Description | | :--- | :--- | :--- | | **Inputs** | 1A1–1A4, 2A1–2A4 | Data input pins for both banks. | | **Outputs** | 1Y1–1Y4, 2Y1–2Y4 | Data output pins. | | **Control** | 1$\overline{OE}$, 2$\overline{OE}$ | Active-low output enable pins. | | **Power** | $V_{CC}$, GND | Power supply and ground. | --- ### 4. Key Applications * **Bus Driving:** Enhancing signal strength when multiple devices are connected to a single data bus. * **Signal Isolation:** Using the High-Z state to "disconnect" parts of a circuit to prevent data contention. * **Level Translation:** Interfacing 5V legacy sensors or microcontrollers with modern 3.3V or 1.8V systems. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a buffer and a transceiver in this logic family?
    • ⤷ How does the 'L' suffix in the part number affect the power consumption?
    • ⤷ Can the U74LVC244 be used for bidirectional data flow?