Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • U74LVC245G-P20-R

  • AI
    ## Analysis of U74LVC245G-P20-R The **U74LVC245G-P20-R** is a high-performance, low-voltage CMOS octal bus transceiver designed for asynchronous two-way communication between data buses. It is a common component in digital logic circuits, particularly for level shifting and signal buffering. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Logic Type** | Octal Bus Transceiver (3-State) | | **Operating Voltage (Vcc)** | 1.2V to 3.6V | | **Output Current** | ±24 mA (at 3.0V) | | **Propagation Delay** | ~3.5 ns (typical at 3.3V) | | **Package Type** | TSSOP-20 (Thin Shrink Small Outline Package) | | **Input/Output Type** | TTL Compatible / LVCMOS | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Components & Pins The device consists of eight non-inverting buffers with 3-state outputs. Below are the primary control pins: * **DIR (Direction Control):** Determines the direction of data flow. * **High (H):** Data flows from A-bus to B-bus. * **Low (L):** Data flows from B-bus to A-bus. * **OE (Output Enable):** This is an active-low input ($\overline{OE}$). * **Low (L):** The device is active. * **High (H):** The device is in high-impedance (Hi-Z) mode, effectively disconnecting the buses. * **A1-A8 / B1-B8:** The bidirectional data input/output ports. --- ### 3. Part Number Breakdown Understanding the suffix and prefix is crucial for sourcing: | Segment | Meaning | | :--- | :--- | | **U74** | Unisonic Technologies (UTC) Prefix | | **LVC** | Low-Voltage CMOS Technology | | **245** | Function code (Octal Bus Transceiver) | | **G** | Halogen-free and RoHS compliant | | **P20** | TSSOP-20 Package | | **R** | Tape & Reel Packaging | --- ### 4. Application Use Cases 1. **Voltage Level Shifting:** Because the inputs are 5V tolerant, it is often used to interface 5V logic systems with 3.3V or 2.5V microcontrollers. 2. **Bus Buffering:** Used to increase the drive capability of a signal when multiple devices are connected to a single data bus. 3. **Isolation:** The 3-state output allows for isolating sections of a circuit to prevent data contention. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage tolerance for the U74LVC245G when Vcc is 3.3V?
    • ⤷ How does this chip differ from the standard 74HC245 series?
    • ⤷ Can this part be used for bidirectional level shifting between 1.8V and 3.3V?