U74LVC2G02G-S08-R
AI

The **U74LVC2G02G-S08-R** is a high-performance, low-voltage CMOS device featuring two independent 2-input NOR gates. It belongs to the LVC (Low-Voltage CMOS) family, which is designed for high-speed operation with low power consumption.
---
### 1. Key Specifications
The following table summarizes the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | NOR Gate |
| **Number of Circuits** | 2 |
| **Number of Inputs** | 2 per gate (Total 4) |
| **Voltage Supply (Vcc)** | 1.65V to 5.5V |
| **Output Current** | ±24 mA (at 3.3V) |
| **Propagation Delay** | ~3.3 ns (at 3.3V) |
| **Package Type** | SOP-8 / TSSOP-8 (Part suffix dependent) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Logic Function
The device performs the Boolean function $Y = \overline{A + B}$ or $Y = \bar{A} \cdot \bar{B}$.
**Truth Table (Per Gate):**
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | **H** |
| L | H | **L** |
| H | L | **L** |
| H | H | **L** |
---
### 3. Pin Configuration (Typical SOP-8)
The device is integrated into an 8-pin package to accommodate dual gates:
1. **1A**: Input 1 of Gate 1
2. **1B**: Input 2 of Gate 1
3. **2Y**: Output of Gate 2
4. **GND**: Ground
5. **2A**: Input 1 of Gate 2
6. **2B**: Input 2 of Gate 2
7. **1Y**: Output of Gate 1
8. **Vcc**: Supply Voltage
---
### 4. Technical Features & Advantages
* **Ioff Circuitry:** Supports partial power-down mode operation. When $V_{cc} = 0V$, the inputs and outputs are high-impedance, preventing damaging backflow current.
* **Voltage Translation:** Since it can operate at 5V but accept lower input thresholds, it can act as a level shifter in mixed-voltage systems.
* **High Drive Capability:** The 24mA output current allows it to drive relatively heavy capacitive loads or long PCB traces without significant signal degradation.
* **CMOS Low Power:** Extremely low static power consumption ($I_{cc} < 10\mu A$), making it ideal for battery-powered handheld devices.
---
### 5. Application Areas
* **Computing:** Signal buffering and glue logic in motherboards.
* **Mobile Devices:** Power management logic and I/O expansion.
* **Industrial:** Controlling enable/disable signals for power modules.
* **Networking:** Implementing basic hardware interlocking logic.
- ⤷What is the difference between LVC and standard CMOS families?
- ⤷ How does the Ioff feature protect the circuit during power-down?
- ⤷ Can this chip be used for voltage level translation?