U74LVC2G04G-AL6-R
AI

The **U74LVC2G04G-AL6-R** is a high-performance, low-voltage CMOS device containing **two independent inverters** (NOT gates). It is commonly manufactured by Unisonic Technologies (UTC) and is designed for high-speed, low-power applications.
### 1. Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | Inverter (NOT Gate) |
| **Number of Circuits** | 2 (Dual) |
| **Supply Voltage Range** | 1.65V to 5.5V |
| **Output Current** | ±24mA (at 3.0V) |
| **Propagation Delay** | ~3.3ns (at 3.3V) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOT-26 / SOT-363 (AL6) |
---
### 2. Functional Description
This device performs the Boolean function $Y = \bar{A}$. Since it is part of the **LVC** (Low Voltage CMOS) family, it is highly versatile for interfacing between different voltage domains.
* **Inputs:** The inputs are 5.5V tolerant, meaning the chip can be powered at 3.3V while receiving a 5V signal, making it excellent for **level translation**.
* **Ioff Circuitry:** It supports partial power-down mode operations. The circuitry prevents damaging backflow current through the device when it is powered down.
---
### 3. Pin Configuration (SOT-26)
Typical pinout for a dual inverter in this package:
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | 1A | Data Input 1 |
| 2 | GND | Ground |
| 3 | 2A | Data Input 2 |
| 4 | 2Y | Data Output 2 |
| 5 | VCC | Supply Voltage |
| 6 | 1Y | Data Output 1 |
---
### 4. Applications
* **Signal Inversion:** Reversing the logic state of a control signal.
* **Level Shifting:** Converting high-voltage logic (5V) down to lower logic levels (3.3V/1.8V).
* **Pulse Shaping:** Cleaning up slow-rising edges in digital circuits.
* **Mobile & Portable Devices:** Used in smartphones and tablets due to its small footprint and low power consumption.
---
### 5. Ordering Information Breakdown
The suffix `G-AL6-R` typically denotes:
* **G:** Halogen-free and RoHS compliant.
* **AL6:** Package code for SOT-26.
* **R:** Tape and Reel packaging.
- ⤷
What are the specific power consumption ratings for this device in standby mode?
- ⤷ Can this IC be used to drive an LED directly from its output?
- ⤷ How does the U74LVC2G04 compare to the standard 74HC04 series?