U74LVC2G86G-S08-R
AI

The **U74LVC2G86G-S08-R** is a high-performance, low-voltage CMOS device featuring two independent 2-input **Exclsuive-OR (XOR)** gates. It is widely used in high-speed computing and signal-processing applications due to its wide operating voltage range and high drive capability.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Logic Type** | XOR (Exclusive OR) |
| **Number of Gates** | 2 |
| **Number of Inputs** | 2 per gate |
| **Supply Voltage ($V_{CC}$)** | 1.65V to 5.5V |
| **Output Current ($I_{OH}/I_{OL}$)** | ±24mA (at 3.0V) |
| **Propagation Delay ($t_{pd}$)** | ~3.6ns (at 3.3V) |
| **Package Type** | SOP-8 (Surface Mount) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Logic Function and Pinout
The device operates based on the XOR logic gate principle: the output is **HIGH** only when the inputs are different.
#### Truth Table (Single Gate)
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | L |
| L | H | H |
| H | L | H |
| H | H | L |
#### Pin Configuration (SOP-8)
1. **1A**: Input 1 of Gate 1
2. **1B**: Input 2 of Gate 1
3. **2Y**: Output of Gate 2
4. **GND**: Ground
5. **2A**: Input 1 of Gate 2
6. **2B**: Input 2 of Gate 2
7. **1Y**: Output of Gate 1
8. **$V_{CC}$**: Power Supply
---
### 3. Distinctive Features
* **$I_{off}$ Circuitry:** Supports partial power-down mode operation. This prevents damaging backflow current through the device when it is powered down.
* **Overvoltage Tolerant Inputs:** Inputs can handle up to 5.5V even when $V_{CC}$ is lower (e.g., 3.3V), making it excellent for voltage level translation.
* **Low Power Consumption:** Typical CMOS power efficiency, suitable for battery-powered handheld devices.
---
### 4. Common Applications
* **Phase Detectors:** Comparing two clock signals.
* **Parity Generators/Checkers:** Error detection in data transmission.
* **Logic Level Shifting:** Bridging different voltage domains (e.g., 1.8V logic to 3.3V logic).
* **Digital Comparators:** Determining if two binary bits are unequal.
- ⤷What is the maximum power dissipation for the SOP-8 package version?
- ⤷ Can the U74LVC2G86 be used as a simple inverter?
- ⤷ How does the propagation delay change when operating at 1.8V versus 5V?