UB2016G-XX-AF5-R
AI

The **UB2016G-XX-AF5-R** is a specific part number typically associated with **Low Dropout (LDO) Voltage Regulators** manufactured by UTC (Unisonic Technologies Co., Ltd). These components are designed to provide a stable, fixed output voltage from a fluctuating input source with minimal power loss.
---
### 1. Part Number Breakdown
The alphanumeric code provides specific details regarding the component's specifications:
| Segment | Meaning | Details |
| :--- | :--- | :--- |
| **UB2016** | Series Name | High-precision LDO Regulator series. |
| **G** | Halogen Free | Compliance with environmental "Green" standards. |
| **XX** | Voltage Code | Represents the output voltage (e.g., 18 = 1.8V, 33 = 3.3V). |
| **AF5** | Package Type | Typically refers to the **SOT-25** (SOT-23-5) package. |
| **R** | Packing | Tape & Reel (for automated SMT assembly). |
---
### 2. Key Technical Specifications
While exact parameters depend on the specific voltage variant (the "XX"), the general characteristics for the UB2016 series include:
* **Maximum Output Current:** Usually around **150mA to 250mA**.
* **Low Dropout Voltage:** Designed to operate with a very small difference between input and output voltage (typically < 300mV at full load).
* **Low Quiescent Current:** Consumes very little power during standby, making it ideal for battery-powered devices.
* **High PSRR:** High Power Supply Rejection Ratio, which filters out noise from the input power line.
* **Protection Features:**
* Thermal Shutdown (Over-temperature protection).
* Current Limiting (Short-circuit protection).
---
### 3. Pin Configuration (SOT-25)
The typical pinout for an AF5 (SOT-25) package LDO is as follows:
| Pin Number | Symbol | Function |
| :---: | :--- | :--- |
| 1 | **VIN** | Input Supply Voltage |
| 2 | **GND** | Ground |
| 3 | **CE / EN** | Chip Enable (Active High) |
| 4 | **NC / BYP** | No connection or Bypass Capacitor |
| 5 | **VOUT** | Regulated Output Voltage |
---
### 4. Typical Applications
This component is commonly found in small electronic devices where space and power efficiency are critical:
1. **Mobile Phones:** Powering internal sensors or logic circuits.
2. **Wearables:** Smartwatches and fitness trackers.
3. **Portable Audio:** Bluetooth headphones and MP3 players.
4. **IoT Nodes:** Low-power wireless communication modules.
---
### 5. Selection Code Example
If the part number is **UB2016G-33-AF5-R**, the specifications would be:
* **Output:** Fixed 3.3V
* **Material:** Halogen-Free / Lead-Free
* **Package:** SOT-25
* **Delivery:** Tape & Reel
- ⤷
What is the maximum input voltage for the UB2016 series?
- ⤷ How does the 'Enable' pin affect power consumption?
- ⤷ What is the recommended bypass capacitor value for this LDO?