UB209AL-AI-P08-R
AI

The **UB209AL-AI-P08-R** is a specific integrated circuit, typically categorized as a **USB High-Speed (2.0) Hub Controller** or a related interface bridge, often manufactured by companies like UTC (Unisonic Technologies).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
The device is designed to handle communication between a USB host and peripheral devices, ensuring high data integrity and low power consumption.
| Feature | Description |
| :--- | :--- |
| **Main Function** | USB 2.0 Hub Controller / Interface Bridge |
| **Package Type** | SOP-8 (Standard Outline Package, 8 pins) |
| **Communication Speed** | High-Speed (480Mbps), Full-Speed (12Mbps) |
| **Operating Voltage** | Typically 3.3V (with internal 5V to 3.3V regulator) |
| **RoHS Status** | Lead-Free / Halogen-Free (indicated by "-R") |
---
### 2. Pin Configuration (P08 Package)
The "P08" in the part number refers to the 8-pin package layout. While exact pinouts can vary by sub-revision, a standard configuration for this series involves:
1. **VDD/VCC**: Power supply input.
2. **GND**: System ground.
3. **D+ / D- (Upstream)**: Connection to the host (PC/Laptop).
4. **D+ / D- (Downstream)**: Connection to the peripheral device.
5. **XTAL/CLK**: External crystal or clock input for timing synchronization.
6. **RESET**: System reset pin.
---
### 3. Key Technical Features
* **Integrated Regulator:** Most versions include an on-chip 5V to 3.3V LDO (Low Dropout Regulator), allowing the chip to be powered directly from the USB 5V rail.
* **USB 2.0 Compliance:** Fully compliant with USB specification Rev 2.0.
* **Plug and Play:** Supports hot-swapping and automatic device detection.
* **Low Power Consumption:** Designed for "Green" electronic standards, featuring a power-down mode when the USB bus is suspended.
---
### 4. Part Number Decoder
Understanding the suffix codes helps in identifying the exact physical and chemical properties:
| Code | Meaning |
| :--- | :--- |
| **UB209AL** | Series identifier (USB Bridge/Hub family) |
| **AI** | Internal revision/version code |
| **P08** | Package type (SOP-8) |
| **R** | Tape & Reel packaging (for automated PCB assembly) |
---
### 5. Common Applications
This component is typically found in:
* USB Hubs (Small form factor)
* PC Motherboard headers
* Docking stations
* Embedded systems requiring USB connectivity expansion
* USB to Serial/Parallel interface modules
---
- ⤷
What are the maximum voltage tolerances for the UB209AL-AI-P08-R?
- ⤷ Can this chip support USB 3.0 speeds?
- ⤷ What is the recommended crystal frequency for the clock input?