UB211CXXL-AF5-R
AI

## UB211CXXL-AF5-R: Technical Overview
The **UB211CXXL-AF5-R** is a specific integrated circuit (IC) part number, typically associated with **UTC (Unisonic Technologies Co., Ltd)**. It is a high-precision, low-power consumption voltage detector/reset IC designed to monitor power supply levels in digital systems.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the UB211 series, here are the core electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Device Type** | Voltage Detector / Reset IC |
| **Output Configuration** | CMOS Output (Active Low) |
| **Detection Voltage** | Specific to the "XX" code (e.g., 2.7V, 3.0V) |
| **Operating Voltage Range** | 0.7V to 10.0V |
| **Current Consumption** | Typ. 0.8µA (Low Power) |
| **Package Type** | SOT-25 / SOT-23-5 (indicated by AF5) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
The suffixing follows a specific logic used by UTC to define the hardware features:
* **UB211**: Series name (High-precision voltage detector).
* **C**: Output Type (CMOS output).
* **XXL**: Voltage rank (The "XX" represents the threshold, e.g., 27 = 2.7V).
* **AF5**: Package code (SOT-25 / SOT-23-5).
* **R**: Tape and Reel packaging.
---
### 3. Pin Configuration (Typical SOT-25)
For the UB211 series in an AF5 package, the pinout usually follows this structure:
```text
Pin 1: VOUT (Output Terminal)
Pin 2: VDD (Power Supply/Input)
Pin 3: VSS (Ground)
Pin 4: NC (No Connection)
Pin 5: NC (No Connection)
```
---
### 4. Functional Application
This electronic part is primarily used for **Supervisory Circuits**. Its main functions include:
1. **Reset Generation**: Providing a reset signal to a Microprocessor (MCU) when the power supply drops below a safe operating threshold.
2. **Battery Monitoring**: Detecting low battery conditions in portable electronics.
3. **System Reliability**: Preventing "brown-out" conditions where the logic state of a chip becomes unpredictable due to insufficient voltage.
---
### 5. Circuit Example
The basic implementation requires minimal external components because the CMOS output does not require a pull-up resistor (unlike Open-Drain versions).
```markdown
[VDD Supply]
|
-------|-------
| (2) VDD |
| |----(1) VOUT ---> To MCU Reset Pin
| (3) VSS |
-------|-------
|
[GND]
```
- ⤷
What is the specific detection voltage threshold for the 'XXL' variant of this IC?
- ⤷ How does a CMOS output differ from an Open-Drain output in voltage detector ICs?
- ⤷ What are the recommended decoupling capacitor values for the VDD pin of the UB211 series?