UB264BL-AF-P08-R
AI

The **UB264BL-AF-P08-R** is a specific integrated circuit, typically categorized as a **USB High-Speed Switching Controller** or a specialized **USB Bridge/Interface** component, often manufactured by UTC (Unisonic Technologies Co., Ltd).
---
### 1. General Specifications
Based on the part number nomenclature, here are the key technical details for this component:
| Feature | Specification |
| :--- | :--- |
| **Primary Function** | USB 2.0 High-Speed Switching / Interface |
| **Package Type** | SOP-8 (8-pin Surface Mount) |
| **Operating Voltage** | 3.3V to 5.0V (Typical) |
| **Data Rate** | Up to 480 Mbps (High Speed) |
| **Compliance** | RoHS / Lead-Free |
---
### 2. Pin Configuration (P08 Package)
The "P08" suffix refers to the 8-pin package. While the exact pinout can vary by manufacturer revision, a standard configuration for this series involves:
1. **VCC:** Power Supply Input.
2. **GND:** Ground Reference.
3. **D+ / D- (In):** High-speed differential data inputs.
4. **D+ / D- (Out):** High-speed differential data outputs.
5. **OE (Output Enable) / SEL (Select):** Control pins for switching states.
---
### 3. Part Number Breakdown
The suffixing on electronic parts provides specific manufacturing data:
* **UB264BL:** The base model number (Series identifier).
* **AF:** Version or Grade (often denotes specific electrical tolerances or internal firmware versions).
* **P08:** Package Type (8-pin Small Outline Package / SOP-8).
* **R:** Tape and Reel packaging (standard for automated SMT assembly).
---
### 4. Typical Applications
This part is commonly used in devices where USB signal routing is required between two different paths or where signal conditioning for USB 2.0 is necessary:
* **USB Hubs:** Routing data between ports.
* **Smartphones/Tablets:** Switching a single USB port between data transfer and charging protocols.
* **PC Motherboards:** Managing internal USB headers.
* **Portable Storage:** Interface bridge between the controller and the physical connector.
---
### 5. Technical Features
* **Low On-Resistance:** Minimizes signal loss during high-speed data transmission.
* **ESD Protection:** Usually includes built-in protection to prevent damage from static discharge on USB lines.
* **Wide Bandwidth:** Specifically tuned to handle the 480Mbps requirement of USB 2.0 without significant jitter.
- ⤷
What is the maximum operating temperature for the UB264BL series?
- ⤷ Can this part be used for USB 3.0 applications?
- ⤷ What are the specific differences between the UB264 and the UB264BL variants?