UC4601G-AF5-R
AI

The **UC4601G-AF5-R** is a specific electronic component, typically classified as a **High-Side Power Switch** or a **Power Distribution Switch**. It is manufactured by UTC (Unisonic Technologies Co., Ltd).
Below is a detailed breakdown of its specifications, pin configuration, and technical characteristics.
---
### 1. General Overview
This integrated circuit (IC) is designed for applications where protective power management is required, such as USB ports. It acts as a gatekeeper, protecting the main power supply from overcurrent or short-circuit conditions at the load.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | UC4601G-AF5-R |
| **Function** | Single Channel Power Distribution Switch |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Output Current** | Typically 0.5A to 1.1A (Fixed or Adjustable depending on variant) |
| **Operating Voltage** | 2.7V to 5.5V |
| **On-Resistance ($R_{DS(ON)}$)** | Low resistance (approx. 80-110 mΩ) |
---
### 2. Pin Configuration (SOT-25)
The device usually comes in a 5-pin SOT package. The pinout is standard for power switches:
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | **OUT** | Output voltage (connected to the load) |
| 2 | **GND** | Ground |
| 3 | **FLG** | Fault Flag (Open-drain output, asserts low during overcurrent/thermal events) |
| 4 | **EN** | Enable Input (Logic level to turn the switch ON/OFF) |
| 5 | **IN** | Input Voltage (Supply source) |
---
### 3. Key Technical Features
* **Protection Circuitry:**
* **Over-Current Protection (OCP):** Limits the current if the load exceeds the threshold.
* **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds a safe limit (usually ~150°C).
* **Under-Voltage Lockout (UVLO):** Ensures the device stays off if the input voltage is too low to operate reliably.
* **Soft Start:** Includes an internal charge pump to provide a controlled rise time, preventing large inrush currents.
* **Reverse Current Blocking:** Prevents current from flowing back from the output to the input when the switch is disabled.
---
### 4. Typical Application Circuit
When designing with the UC4601G-AF5-R, external capacitors are required for stability:
```text
[Input Supply] ----+---- [IN] (Pin 5) (Pin 1) [OUT] ----+---- [Load]
| |
[C_in] [C_out]
| |
GND GND
```
* **$C_{in}$:** Typically a 0.1µF to 1µF ceramic capacitor near the input pin.
* **$C_{out}$:** A 1µF to 22µF capacitor to handle load transients.
---
### 5. Part Number Suffix Decoding
* **G**: Halogen-free and RoHS compliant.
* **AF5**: Package code for SOT-25.
* **R**: Tape and Reel packaging.
- ⤷What is the difference between active-high and active-low Enable pins for this IC?
- ⤷ How do I calculate the power dissipation of the UC4601G under full load?
- ⤷ What are the common alternatives to the UC4601G in USB power management?