UC62140G-AF5-R
AI

The **UC62140G-AF5-R** is a high-precision, low-power CMOS voltage detector (reset IC) manufactured by UTC (Unisonic Technologies Co., Ltd). It is primarily used to monitor power supply voltage and provide a reset signal to a microprocessor when the voltage falls below a specific threshold.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Detection Voltage** | Fixed (Varies by model, suffix "40" typically indicates 4.0V) |
| **Output Type** | Open Drain (Active Low) |
| **Package Type** | SOT-25 (AF5) |
| **Input Voltage Range** | 1.0V to 15.0V |
| **Operating Current** | 1.0 µA (Typical) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
The suffixing on this part provides specific details about its physical and electrical properties:
* **UC62140**: The series name (CMOS Voltage Detector).
* **G**: Halogen-free and Lead-free (Green).
* **AF5**: Package code for **SOT-25**.
* **R**: Tape and Reel packaging.
---
### 3. Functional Description
The device consists of a reference voltage source, a comparator, a delay circuit, and an output driver.
1. **Voltage Monitoring**: It constantly monitors the $V_{DD}$ pin.
2. **Threshold Detection**: When the monitored voltage drops below the pre-set detection voltage ($V_{DET}$), the output ($V_{OUT}$) goes **Low**.
3. **Hysteresis**: It incorporates a hysteresis range (typically 5%) to prevent "chattering" or rapid switching when the input voltage is near the threshold level.
4. **Reset Release**: Once the voltage rises above the threshold (plus hysteresis), the output returns to **High** after a short delay.
---
### 4. Typical Application Circuit
Because this specific model features an **Open Drain** output, a pull-up resistor is required for operation.
```c
Vdd (Supply) ----+----[ R_pullup ]----+---- Vout (To MCU Reset Pin)
| |
[ VDD ] [ OUT ]
| |
[ VSS ]-----------------GND
```
### 5. Common Uses
* **Microprocessor Reset**: Ensuring the MCU starts only when power is stable.
* **Battery Life Monitoring**: Alerting a system when a battery is critically low.
* **Voltage Switching**: Acting as a trigger for power-saving modes.
---
- ⤷
What is the significance of the 'Open Drain' output compared to a CMOS output?
- ⤷ How does the hysteresis feature prevent system instability?
- ⤷ Are there compatible equivalents from other manufacturers like Rohm or TI?