UCD0J331MCL6GS
AI

The **UCD0J331MCL6GS** is a high-performance surface-mount (SMD) aluminum electrolytic capacitor manufactured by **Nichicon**. It belongs to the **UCD series**, which is characterized by its low impedance and high reliability.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 330 µF |
| **Rated Voltage (DC)** | 6.3 V |
| **Tolerance** | ±20% (at 120Hz, 20°C) |
| **ESR / Impedance** | Low Impedance (High Frequency) |
| **Operating Temperature** | -55°C to +105°C |
| **Endurance (Life)** | 2000 to 5000 hours at 105°C |
| **Package / Case** | SMD (Chip Type) |
| **Dimensions** | Approx. 6.3mm (Diameter) x 7.7mm (Length) |
---
### 2. Key Features
* **Low Impedance:** Specifically designed to offer low resistance to alternating current, making it efficient for high-frequency filtering.
* **Reflow Soldering Compatible:** Built to withstand the high temperatures of automated surface-mount assembly lines.
* **AEC-Q200 Qualified:** Many parts in this series are compliant with automotive reliability standards.
* **RoHS Compliant:** Free from hazardous substances like lead.
---
### 3. Application Use Cases
This specific capacitor is commonly found in circuits where space is limited but high capacitance and stability are required:
1. **Motherboards & Computer Peripherals:** Used for local decoupling and voltage regulation.
2. **DC-DC Converters:** Acts as an input or output filter to smooth out voltage ripples.
3. **Automotive Electronics:** Powering infotainment systems or ECU (Engine Control Unit) sensors.
4. **Telecommunications:** Integrated into switching power supplies for networking equipment.
---
### 4. Part Number Breakdown
The part number can be decoded as follows:
* **UCD:** Series name (Low Impedance, SMD type).
* **0J:** Voltage code (6.3 Volts).
* **331:** Capacitance code (33 followed by 1 zero = 330µF).
* **M:** Tolerance code (±20%).
* **CL:** Package/Size code.
* **6GS:** Packaging style (Taping/Reel).
- ⤷
What are the recommended reflow soldering profiles for this Nichicon UCD series?
- ⤷ How does the 'Low Impedance' feature compare to standard electrolytic capacitors in ripple current handling?
- ⤷ Are there any alternative capacitors with a higher voltage rating in the same footprint?