UCD2A331MCL
AI

The **UCD2A331MCL** is a high-performance surface-mount (SMD) aluminum electrolytic capacitor manufactured by **Nichicon**. It belongs to the **UCD series**, which is specifically designed for low impedance and high reliability in automotive and industrial applications.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 330 µF |
| **Voltage Rating (DC)** | 100 V |
| **Tolerance** | ±20% (at 120Hz, 20°C) |
| **Series** | UCD (Low Impedance / Chip Type) |
| **Lifetime / Endurance** | 2000 to 5000 Hours at 105°C |
| **Operating Temp Range** | -55°C to +105°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Termination** | Radial Lead (V-Chip Style) |
---
### 2. Physical Dimensions
The part follows a standardized "Chip Type" package for automated SMT (Surface Mount Technology) assembly.
* **Diameter (D):** 16.00 mm
* **Length/Height (L):** 16.50 mm
* **Footprint:** Typically 17.0 mm x 17.0 mm (Land pattern varies by PCB design)
---
### 3. Core Features & Advantages
* **Low Impedance:** This capacitor is engineered to have low internal resistance, making it highly efficient at filtering high-frequency noise and handling ripple currents without excessive heating.
* **Reflow Soldering Compatible:** Designed to withstand the high temperatures required for lead-free reflow soldering processes.
* **AEC-Q200 Qualified:** Most parts in the UCD series are compliant with automotive quality standards, ensuring durability against vibration and thermal shock.
* **Polarized:** Like all aluminum electrolytic capacitors, it has a specific polarity (Positive and Negative terminals) that must be observed during installation.
---
### 4. Typical Applications
Because of its high voltage rating (100V) and low impedance, the UCD2A331MCL is commonly found in:
1. **DC-DC Converters:** Used for input and output smoothing.
2. **Automotive Electronics:** Power steering, lighting systems, and infotainment units.
3. **Industrial Power Supplies:** Filtering ripple in 48V or 72V systems.
4. **Audio Equipment:** Decoupling and power stage stabilization.
---
### 5. Identification (Part Number Breakdown)
```text
UCD 2A 331 M CL
| | | | |_ Packaging/Case Size Code
| | | |____ Tolerance (M = ±20%)
| | |________ Capacitance (331 = 33 x 10^1 = 330µF)
| |____________ Voltage (2A = 100V)
|_________________ Series Name (Nichicon UCD)
```
- ⤷
What is the maximum ripple current rating for the UCD2A331MCL?
- ⤷ How does the UCD series compare to the UCH series in terms of ESR?
- ⤷ What are the recommended reflow soldering profiles for this specific capacitor size?