AI

The **UCD4015G-P16-R** is a CMOS logic integrated circuit, specifically a **Dual 4-Stage Static Shift Register**. It belongs to the 4000 series of logic chips and is designed for low-power, high-voltage flexibility applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | Dual 4-Stage Static Shift Register |
| **Logic Family** | CD4000 (CMOS) |
| **Supply Voltage (Vcc)** | 3.0V to 18V |
| **Package Type** | TSSOP-16 (Thin Shrink Small Outline Package) |
| **Packing Type** | Tape & Reel (R) |
| **Operating Temperature** | -40°C to +125°C |
| **Pin Count** | 16 Pins |
---
### 2. Functional Description
The device contains two identical, independent 4-stage serial-input/parallel-output registers.
* **Shift Operation:** Data is shifted into the first stage on every **positive-going transition** of the clock pulse.
* **Parallel Output:** All four stages of each register have taps available as outputs ($Q_0, Q_1, Q_2, Q_3$).
* **Reset Function:** Each register has an independent **Reset** pin. When the Reset pin is pulled HIGH, all stages are cleared to "0" regardless of the clock or data input.
---
### 3. Pin Configuration (Common TSSOP-16 Layout)
| Pin No. | Symbol | Description |
| :--- | :--- | :--- |
| 1, 9 | **CLOCK** | Clock Input (Registers 1 & 2) |
| 2, 10 | **RESET** | Master Reset (Active High) |
| 3, 4, 5, 13 | **Q0 - Q3** | Parallel Outputs |
| 7, 15 | **DATA** | Serial Data Input |
| 8 | **VSS** | Ground (0V) |
| 16 | **VDD** | Supply Voltage (Positive) |
---
### 4. Applications and Use Cases
* **Serial-to-Parallel Conversion:** Converting a serial stream of data from a microcontroller into multiple parallel outputs to drive LEDs or relays.
* **Digital Delay Lines:** Creating specific timing delays in digital circuits.
* **Control Registers:** Storing state information in industrial control systems.
* **Pattern Generators:** Used in simple sequence generation for lighting or signaling.
---
### 5. Part Number Breakdown
* **UCD:** Manufacturer Prefix (often associated with Unisonic Technologies - UTC).
* **4015:** Generic functional part number (Dual 4-stage Shift Register).
* **G:** Halogen-free/Green material.
* **P16:** TSSOP-16 Package.
* **R:** Tape & Reel packaging for automated SMT assembly.
- ⤷What is the difference between a static and dynamic shift register?
- ⤷ Can this IC be used with 3.3V and 5V microcontrollers simultaneously?
- ⤷ How do you cascade two UCD4015 units to create an 8-bit register?