UCD4015L-S16-R
AI

The **UCD4015L-S16-R** is a specific part number typically associated with a **Dual 4-Stage Static Shift Register**. It is the UTC (Unisonic Technologies Co.) equivalent of the industry-standard CD4015 CMOS integrated circuit.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the UCD4015L-S16-R:
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | Dual 4-Stage Static Shift Register |
| **Supply Voltage (Vcc)** | 3V to 18V |
| **Logic Family** | 4000 Series (CMOS) |
| **Package Type** | SOP-16 (Small Outline Package) |
| **Operating Temperature** | -40°C to +85°C |
| **Output Current** | ~6.8 mA (at 15V) |
| **Packaging Code** | R (Tape & Reel) |
---
## 2. Key Components & Architecture
The IC contains two identical, independent 4-stage serial-input/parallel-output registers. Each register has the following inputs and outputs:
* **Data Input (D):** Serial data enters here.
* **Clock (CLK):** Shifts the data through the registers on the positive-going transition.
* **Reset (RST):** Asynchronous clear that resets all stages to "0" when high.
* **Parallel Outputs (Q0 - Q3):** Four individual outputs for each register stage.
### Logic Pinout Structure (SOP-16)
```text
+---U---+
1Q3 1 | | 16 VDD
1Q2 2 | | 15 1RST
1Q1 3 | | 14 1DATA
2CLK 4 | | 13 1CLK
2Q0 5 | | 12 2RST
2Q1 6 | | 11 2DATA
2Q2 7 | | 10 2Q3
VSS 8 | | 9 1Q0
+-------+
```
---
## 3. Functionality & Applications
The device acts as a buffer or a serial-to-parallel converter. When a clock pulse is received, the bit at the "Data" pin moves to Q0, the previous Q0 moves to Q1, and so on.
### Common Use Cases:
1. **Serial-to-Parallel Conversion:** Converting a serial stream of data from a microcontroller into multiple parallel control lines.
2. **Digital Delay Lines:** Creating a time delay for digital signals.
3. **Pattern Generators:** Generating specific sequences of high/low signals.
4. **Remote Control Systems:** De-multiplexing control signals.
---
## 4. Part Number Breakdown
The suffix `L-S16-R` provides specific manufacturing details:
* **L:** Lead-free/Halogen-free (Environmentally friendly).
* **S16:** Denotes the **SOP-16** package size.
* **R:** Indicates **Tape & Reel** packing for automated assembly.
- ⤷
What are the main differences between the UCD4015 and a 74HC595 shift register?
- ⤷ Can this IC be used with 3.3V and 5V microcontrollers simultaneously?
- ⤷ What is the maximum clock frequency for the UCD4015L at 5V?