AI

The **UCD4049BL-P16-R** is a specific part number typically representing a **Hex Inverting Buffer** integrated circuit. It is part of the 4000 series logic family, widely used for signal conditioning and logic level conversion.
---
### 1. General Specifications
The device contains six independent inverting buffers. Below are the primary technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | CMOS 4000 Series |
| **Logic Type** | Inverting Buffer (NOT Gate) |
| **Number of Gates** | 6 (Hex) |
| **Supply Voltage Range ($V_{DD}$)** | 3V to 18V |
| **Input Voltage Range** | Can exceed $V_{DD}$ (High-to-Low level conversion) |
| **Package Type** | TSSOP-16 (indicated by P16) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Key Features and Applications
The UCD4049BL is unique compared to standard 4000 series chips due to its input structure.
* **Logic Level Conversion:** One of its primary uses is converting high-level logic signals (e.g., 15V) down to lower levels (e.g., 5V) because the input voltage can safely exceed the supply voltage.
* **High Current Drive:** These buffers are designed to have a higher current-sinking capability than standard CMOS gates, making them suitable for driving small loads or multiple CMOS inputs.
* **Simple Oscillator Circuits:** Due to the high gain and inverting nature, they are frequently used in DIY electronics to create simple square-wave clock generators using a resistor and capacitor (RC circuit).
---
### 3. Pinout Configuration (TSSOP-16)
The 4049 is "unusual" because it has two NC (No Connection) pins and specific power pins:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | $V_{DD}$ | Positive Supply Voltage |
| **2, 4, 6, 10, 12, 15** | $G_1 - G_6$ | Outputs (Inverted) |
| **3, 5, 7, 9, 11, 14** | $A_1 - A_6$ | Inputs |
| **8** | $V_{SS}$ | Ground |
| **13, 16** | NC | No Connection |
---
### 4. Part Number Breakdown
The nomenclature usually follows this pattern:
* **UCD**: Manufacturer code (often associated with Unisonic Technologies / UTC).
* **4049**: Functional type (Hex Inverting Buffer).
* **B**: Buffered output (improved noise immunity and drive).
* **L**: Lead-free / RoHS compliant.
* **P16**: TSSOP-16 Package.
* **R**: Tape and Reel packaging.
---
- ⤷
What is the maximum input voltage allowed when the supply is only 5V?
- ⤷ Can this IC be used to drive an LED directly?
- ⤷ How does the UCD4049 differ from the UCD4050?