AI

The **UCD4071L-S14-R** is a specific integrated circuit (IC) belonging to the CMOS 4000 series logic family. It is a **Quad 2-Input OR Gate**, commonly used in digital logic circuits for signal processing and Boolean operations.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the UCD4071L-S14-R:
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | OR Gate |
| **Number of Circuits** | 4 (Quad) |
| **Number of Inputs** | 2 per gate |
| **Supply Voltage (Vcc)** | 3.0V to 18V |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOP-14 (Small Outline Package) |
| **Logic Level** | CMOS |
| **Propagation Delay** | ~60ns at 10V (typical) |
---
## 2. Logic Function
The device contains four independent OR gates. The output ($Y$) of each gate is **HIGH** (1) if at least one of the inputs ($A$ or $B$) is HIGH.
### Truth Table (Single Gate)
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | **L** |
| L | H | **H** |
| H | L | **H** |
| H | H | **H** |
---
## 3. Pin Configuration (SOP-14)
The IC features 14 pins, distributed as follows:
1. **Inputs & Outputs:** Pins 1, 2, 5, 6, 8, 9, 12, 13 are inputs; Pins 3, 4, 10, 11 are outputs.
2. **VSS (Pin 7):** Ground (0V).
3. **VDD (Pin 14):** Positive Power Supply (3V–18V).
---
## 4. Key Features & Applications
### Features
* **High Voltage Range:** Unlike the 74HC series (which usually tops out at 6V), the 4000 series can handle up to 18V.
* **High Noise Immunity:** Suitable for industrial environments.
* **Low Power Consumption:** Minimal static power dissipation due to CMOS technology.
### Applications
* **Logic Signal Combining:** Merging multiple sensor signals into one trigger.
* **Industrial Controls:** Interfacing with high-voltage relays or sensors.
* **Oscillators:** Can be configured for basic timing circuits.
* **Boolean Logic Implementation:** Building complex logic functions from simple gates.
---
- ⤷What is the difference between the UCD4071 and the 74HC32 OR gate?
- ⤷ How does the 'L' suffix in the part number affect its lead-free status?
- ⤷ What are the recommended decoupling capacitor values for this IC?