UD4606QG-S08-R
AI

The **UD4606QG-S08-R** is a high-performance complementary MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) pair integrated into a single package. It is commonly used in power management and switching applications.
---
### 1. General Overview
This component consists of one **N-Channel** MOSFET and one **P-Channel** MOSFET. This configuration is often referred to as a "Complementary Pair," making it ideal for H-bridge circuits or level-shifting applications.
### 2. Key Technical Specifications
| Parameter | N-Channel (Typical) | P-Channel (Typical) |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DS}$)** | 30V | -30V |
| **Gate-Source Voltage ($V_{GS}$)** | $\pm$20V | $\pm$20V |
| **Continuous Drain Current ($I_D$)** | ~6.0A | ~-5.0A |
| **On-Resistance ($R_{DS(ON)}$)** | < 30m$\Omega$ @ 10V | < 50m$\Omega$ @ -10V |
| **Package Type** | SOP-8 | SOP-8 |
### 3. Pin Configuration (SOP-8)
In a standard SOP-8 package for this type of dual MOSFET, the pins are generally assigned as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | S1 | Source (P-Channel) |
| 2 | G1 | Gate (P-Channel) |
| 3 | S2 | Source (N-Channel) |
| 4 | G2 | Gate (N-Channel) |
| 5 & 6 | D2 | Drain (N-Channel) |
| 7 & 8 | D1 | Drain (P-Channel) |
### 4. Features & Benefits
* **High Density:** Two transistors in one package save PCB real estate.
* **Low On-Resistance:** Minimizes power loss during conduction, increasing efficiency.
* **Fast Switching:** Suitable for high-frequency PWM (Pulse Width Modulation) applications.
* **Halogen-Free:** The "G" in the part number usually signifies a "Green" or halogen-free material compliance.
### 5. Common Applications
* **DC-DC Converters:** Used in the output stage for voltage regulation.
* **Motor Drivers:** Ideal for small DC motor control (H-bridge configuration).
* **LCD Backlight Inverters:** Used to switch power for display panels.
* **Load Switching:** Efficiently turning off specific power rails in portable electronics.
---
- ⤷
Can you provide a circuit diagram example for an H-bridge using the UD4606?
- ⤷ What are the thermal considerations for the SOP-8 package at maximum current?
- ⤷ What is the equivalent part number from other manufacturers like ON Semi or Vishay?