UD4P20G-S08-R
AI

The **UD4P20G-S08-R** is a high-performance Power MOSFET manufactured by UTC (Unisonic Technologies). It is designed for applications requiring high efficiency and fast switching in a compact form factor.
---
## 1. General Specifications
The UD4P20G is a **P-Channel Enhancement Mode Power MOSFET**. Below are the core electrical characteristics:
| Parameter | Specification |
|:---|:---|
| **Drain-Source Voltage ($V_{DSS}$)** | -20 V |
| **Gate-Source Voltage ($V_{GSS}$)** | ±12 V |
| **Continuous Drain Current ($I_D$)** | -4.0 A |
| **Static Drain-Source On-Resistance ($R_{DS(ON)}$)** | 62 mΩ (at $V_{GS}$ = -4.5V) |
| **Package Type** | SOP-8 |
| **Halogen Free / RoHS** | Yes (Suffix 'G' and 'R') |
---
## 2. Pin Configuration (SOP-8)
In the SOP-8 package, the pins are typically organized to optimize heat dissipation and current flow:
| Pin Number | Name | Description |
|:---:|:---:|:---|
| 1, 2, 3 | **S** | Source |
| 4 | **G** | Gate |
| 5, 6, 7, 8 | **D** | Drain |
---
## 3. Key Features
* **Low On-Resistance:** The 62 mΩ resistance minimizes power loss during conduction, improving overall energy efficiency.
* **Low Gate Charge:** Allows for faster switching speeds and reduces the driving requirements for the controller.
* **Logic Level Compatibility:** It can be fully driven by low-voltage control signals (typically found in battery-powered devices).
* **P-Channel Architecture:** Simplifies the circuit design for high-side switching because it does not require an auxiliary charge pump to turn on.
---
## 4. Typical Applications
The UD4P20G is commonly used in power management circuits where space is limited:
1. **Load Switches:** Turning off power to specific sub-circuits to save battery.
2. **Battery Protection:** Integrated into BMS (Battery Management Systems) for mobile devices.
3. **DC-DC Converters:** Acting as the switching element in buck or boost regulators.
4. **Power Management in Notebooks:** Controlling power rails for peripherals.
---
## 5. Part Number Breakdown
The suffixing provides information about the packaging and material:
* **UD4P20**: Model Name (P-Channel, 20V).
* **G**: Halogen-free and Lead-free (Green).
* **S08**: SOP-8 Package.
* **R**: Tape and Reel packaging.
- ⤷What is the thermal resistance (RthJA) for the UD4P20G in an SOP-8 package?
- ⤷ Can this MOSFET be used for high-frequency PWM switching?
- ⤷ What are the safe operating temperature limits for this device?