Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UD9926G-S08-R

  • AI
    The **UD9926G-S08-R** is a specific electronic component primarily used in power management and switching applications. It is a **Dual N-Channel Enhancement Mode Field Effect Transistor (MOSFET)**. Below is a detailed breakdown of its specifications, pinout, and typical applications. --- ## 1. Key Specifications The UD9926G is designed for high-density mounting and efficient power switching. | Feature | Specification | | :--- | :--- | | **Transistor Type** | Dual N-Channel MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 20V | | **Continuous Drain Current ($I_D$)** | 6.0A | | **Gate-Source Voltage ($V_{GSS}$)** | ±12V | | **On-Resistance ($R_{DS(on)}$)** | ~20mΩ @ $V_{GS}=4.5V$ | | **Package Type** | SOP-8 (Small Outline Package) | | **Operating Temperature** | -55°C to +150°C | --- ## 2. Pin Configuration (SOP-8) Since this is a **Dual** MOSFET, the package contains two independent N-channel transistors. | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | S1 | Source 1 | | 2 | G1 | Gate 1 | | 3 | S2 | Source 2 | | 4 | G2 | Gate 2 | | 5, 6 | D2 | Drain 2 | | 7, 8 | D1 | Drain 1 | --- ## 3. Features and Benefits * **Low On-Resistance:** Minimizes power loss during conduction, improving efficiency in battery-powered devices. * **High Density:** Having two MOSFETs in one SOP-8 package saves significant PCB real estate. * **Green Product:** The "G" in the part number usually signifies a "Halogen-Free" or "Green" lead-free finish, complying with RoHS standards. * **Logic Level Drive:** Can be triggered by low voltage signals (e.g., from a microcontroller), making it suitable for digital logic interfacing. --- ## 4. Typical Applications The UD9926G is commonly found in the following circuits: 1. **Li-ion Battery Protection:** Used in BMS (Battery Management Systems) to cut off power during overcharge or over-discharge. 2. **Load Switching:** Acting as a digital switch for peripherals in laptops or mobile devices. 3. **DC-DC Converters:** Used in buck or boost converters for power regulation. 4. **Motor Drivers:** Driving small DC motors in consumer electronics. --- ## 5. Part Number Breakdown The suffix **-S08-R** provides logistical details: * **S08:** Indicates the SOP-8 package style. * **R:** Indicates "Tape and Reel" packaging for automated SMT assembly.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent MOSFET alternatives for the UD9926G?
    • ⤷ How do I calculate the power dissipation for this MOSFET in a circuit?
    • ⤷ What is the threshold voltage (Vgs th) for this specific model?