UD9926L-S08-R
AI

The **UD9926L-S08-R** is a specific surface-mount electronic component, primarily used in power management and battery protection circuits. Below is a detailed technical breakdown of this part.
---
## 1. General Overview
The UD9926L is a **Dual N-Channel Enhancement Mode MOSFET**. It is designed to provide high-density cell design for low on-state resistance ($R_{DS(ON)}$), making it efficient for switching applications.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | UD9926L-S08-R |
| **Transistor Polarity** | N-Channel (Dual) |
| **Package Type** | SOP-8 |
| **Configuration** | Two independent MOSFETs in one package |
| **Mounting Type** | Surface Mount (SMD) |
---
## 2. Technical Specifications
The typical electrical characteristics for this component are as follows:
### Electrical Ratings
| Parameter | Value |
| :--- | :--- |
| Drain-Source Voltage ($V_{DSS}$) | 20V |
| Gate-Source Voltage ($V_{GSS}$) | ±12V |
| Continuous Drain Current ($I_D$) | 6.0A |
| Pulsed Drain Current ($I_{DM}$) | 25A |
| Max Power Dissipation ($P_D$) | 2.0W (Total) |
### Performance Characteristics
* **Low $R_{DS(ON)}$:** Typically around $21m\Omega$ to $30m\Omega$ at $V_{GS} = 4.5V$. This ensures minimal heat generation during high-current operation.
* **Gate Threshold Voltage ($V_{GS(th)}$):** Generally between $0.5V$ and $1.2V$, allowing it to be driven by low-voltage logic circuits.
---
## 3. Pin Configuration (SOP-8)
In the SOP-8 package, the pins are typically assigned to two separate MOSFETs (M1 and M2):
1. **Pin 1:** Source 1 (S1)
2. **Pin 2:** Gate 1 (G1)
3. **Pin 3:** Source 2 (S2)
4. **Pin 4:** Gate 2 (G2)
5. **Pin 5 & 6:** Drain 2 (D2)
6. **Pin 7 & 8:** Drain 1 (D1)
---
## 4. Key Applications
Because of its dual configuration and high efficiency, it is commonly used in:
* **Battery Protection:** Li-ion battery pack protection circuits.
* **Load Switching:** Turning on/off specific power rails in laptops or handheld devices.
* **DC-DC Converters:** Small power conversion modules.
* **Motor Control:** Small DC motor drivers.
---
## 5. Decoding the Part Number
* **UD9926:** The basic model number for the Dual N-Channel MOSFET.
* **L:** Lead-free/Halogen-free plating (RoHS compliant).
* **S08:** Refers to the **SOP-8** package style.
* **R:** Tape and Reel (Packaging method for automated assembly).
- ⤷
What are the alternative equivalent MOSFETs for the UD9926L?
- ⤷ How does the gate threshold voltage affect its use with microcontrollers?
- ⤷ Can this MOSFET be used for high-side switching in a 12V system?